Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMC2618 Datasheet(PDF) 1 Page - Allied Components International

Part # VCMC2618
Description  CURRENT COMPENSATED COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

VCMC2618 Datasheet(HTML) 1 Page - Allied Components International

  VCMC2618 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CURRENT COMPENSATED COMMON MODE CHOKE
VCMC2618
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
Revised 08/08/2014
RoHS
Encased for Added Protection and Stable Mounting
High Current Capability
Excellent EMI Suppression
Fixed Pins for easy PCB Insertion
All specifications subject to change without notice.
Cross to Wurth 744632XXXX Series
Operating temp: -25ºC to +125ºC
VCMC2618-182N
VCMC2618-272N
VCMC2618-402N
VCMC2618-682N
VCMC2618-103N
Part Number
VCMC2618-273N
VCMC2618-333N
VCMC2618-503N
1.8
Test Freq.
KHz/50mV
DCR
(
)
Rated
Current
(A)
HIPOT
3mA for 1min.
2.7
4.0
6.8
10
27
33
50
10
10
10
10
10
10
10
10
6.0
3.0
3.0
1.9
1.9
1.0
0.8
0.6
0.02
0.06
0.07
0.16
0.18
0.64
0.85
1.20
Inductance
(mH)
Tolerance
Inductance


Similar Part No. - VCMC2618

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VCMC1510-333 ALLIED-VCMC1510-333 Datasheet
1Mb / 1P
COMMON MODE CHOKE
More results

Similar Description - VCMC2618

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
CHOKE Current Compensated Chokes
logo
Rhombus Industries Inc.
L-37200 RHOMBUS-IND-L-37200 Datasheet
50Kb / 1P
Low Profile High Current Common Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Vishay Siliconix
ICM-2824 VISHAY-ICM-2824 Datasheet
78Kb / 2P
High Current Common Mode Choke
05-Dec-11
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com