Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV12C Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV12C
Description  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV12C Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV12C Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV12C Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV12C Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV12C Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
Tra
IE
15
U
Lo
M
W
Sm
x
Ab
①
②
③
Pa
P
Ap
F
(
(
(
4
www.ben
ansient Vo
EC 61000-4-2
50Watts peak
Ultra low capa
ow clamping
Moisture sensi
Weight 5.0 mg
mall package
xDSL
Part
Number
BV12C
bsolute maxim
VBR is measu
Surge Wave
Off-state cap
art Number a
BV
(1)
art Number
pplication in
Features
(1) Bencent T
(2) Series: 12
(3)Bidirection
ncent.com.c
oltage Sup
2(ESD)±15K
k pulse power
acitance:1.5pF
voltage
itivity level:
g
e:SOD323
r
IDRM@
μA
MAX
1
mum ratings m
ured at IR=1m
eform: 8/20μ
pacitance is m
and Electric
12
(2)
ring System
nformation
Transient Volt
etc.
nal TVS
n
ppressor
KV(air), ±8K
r (tp=8/20μS)
F maximum
Level 1
@VDRM
V
12
measured at
mA
S.
measured in V
cal Paramet
C
(3)
m
tage Suppress
KV(contact)
)
VBR①@I
V
MIN
13.3
T= 25ºC RH
VDC=0V,VRMS
ter
sor
Customers sho
IR
mA
M
1
1
H = 45%-75%
S=1V,f=1MH
M
E
Ag
S
uld verify actua
Vc@Ipp ②
V
A
MAX
19
1
(unless other
Hz
Mark
Exterior
gency Appr
Icon
C
C
M
1
Specifications a
al device perfor
Vc
V
MAX
28.6
rwise noted).
B4
DC: Part
09
rovals
Compliance w
Compliance w
Mean lead fre
B006
09
SOD
D
are subject to ch
rmance in their
Order Co
Version
c@Ipp ②
A
X
6
42LC
t Number
909
Description
with 2011/65
with IEC6124
ee
6U2G
909
D323
DC
BV12
hange without n
specific applic
ode: BV12
n: A0 2013-11
CO③
pF
MAX
1.5
n
5/EU
49-2-21:2003
G
2
2C
notice.
ations
2C
1-12


Similar Part No. - BV12C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV12C BENCENT-BV12C Datasheet
231Kb / 4P
Transient Voltage Suppressor
BV12C BENCENT-BV12C_16 Datasheet
231Kb / 4P
Transient Voltage Suppressor
More results

Similar Description - BV12C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com