Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF930 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPF930
Description  N?묬hannel TMOS Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF930 Datasheet(HTML) 1 Page - ON Semiconductor

  MPF930 Datasheet HTML 1Page - ON Semiconductor MPF930 Datasheet HTML 2Page - ON Semiconductor MPF930 Datasheet HTML 3Page - ON Semiconductor MPF930 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 4
1
Publication Order Number:
MPF930/D
MPF930
TMOS Switching
N−Channel — Enhancement
MAXIMUM RATINGS
Rating
Symbol MPF930 MPF960 MPF990
Unit
Drain−Source Voltage
VDS
35
60
90
Vdc
Drain−Gate Voltage
VDG
35
60
90
Vdc
Gate−Source Voltage
— Continuous
— Non−repetitive
(tp ≤ 50 μs)
VGS
VGSM
± 20
± 40
Vdc
Vpk
Drain Current
Continuous(1)
Pulsed(2)
ID
IDM
2.0
3.0
Adc
Total Device Dissipation
@ TA = 25°C
Derate above 25°C
PD
1.0
8.0
W
mW/°C
Operating and Storage
Junction
Temperature Range
TJ, Tstg
−55 to 150
°C
Thermal Resistance
θJA
125
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0, ID = 10 μAdc)
MPF930
MPF960
MPF990
V(BR)DSX
35
60
90
—
—
—
—
—
—
Vdc
Gate Reverse Current (VGS = 15 Vdc, VDS = 0)
IGSS
—
—
50
nAdc
ON CHARACTERISTICS(2)
Zero−Gate−Voltage Drain Current
(VDS = Maximum Rating, VGS = 0)
IDSS
—
—
10
μAdc
Gate Threshold Voltage
(ID = 1.0 mAdc, VDS = VGS)
VGS(Th)
1.0
—
3.5
Vdc
Drain−Source On−Voltage (VGS = 10 Vdc)
(ID = 0.5 Adc)
MPF930
MPF960
MPF990
(ID = 1.0 Adc)
MPF930
MPF960
MPF990
(ID = 2.0 Adc)
MPF930
MPF960
MPF990
VDS(on)
—
—
—
—
—
—
—
—
—
0.4
0.6
0.6
0.9
1.2
1.2
2.2
2.8
2.8
0.7
0.8
1.2
1.4
1.7
2.4
3.0
3.5
4.8
Vdc
1. The Power Dissipation of the package may result in a lower continuous drain current.
2. Pulse Test: Pulse Width v 300 μs, Duty Cycle v 2.0%.
http://onsemi.com
CASE 29−05, STYLE 22
TO−92 (TO−226AE)
1
2
3
3 DRAIN
1 SOURCE
2
GATE


Similar Part No. - MPF930

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPF930 MOTOROLA-MPF930 Datasheet
83Kb / 4P
TMOS Switching
logo
New Jersey Semi-Conduct...
MPF930 NJSEMI-MPF930 Datasheet
87Kb / 2P
TMOS Switching
More results

Similar Description - MPF930

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BS107 MOTOROLA-BS107 Datasheet
76Kb / 4P
TMOS Switching(N-Channel-Enhancement)
BS170 MOTOROLA-BS170 Datasheet
77Kb / 4P
TMOS FET Switching(N-Channel-Enhancement)
MPF930 MOTOROLA-MPF930 Datasheet
83Kb / 4P
TMOS Switching
2N6659 MOTOROLA-2N6659 Datasheet
441Kb / 3P
TMOS SWITCHING FET TRANSISTORS
logo
ON Semiconductor
MMBF5484LT1 ONSEMI-MMBF5484LT1_06 Datasheet
148Kb / 6P
JFET Transistor N?묬hannel
February, 2006 ??Rev. 3
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
logo
New Jersey Semi-Conduct...
2N6659 NJSEMI-2N6659 Datasheet
156Kb / 1P
TMOS SWITCHING TRANSISTOR
MPF990 NJSEMI-MPF990 Datasheet
87Kb / 2P
TMOS Switching
logo
ON Semiconductor
MTD20N06V ONSEMI-MTD20N06V Datasheet
176Kb / 7P
N?묬hannel DPAK
May, 2013 ??Rev. 5
MTP5N40E ONSEMI-MTP5N40E Datasheet
261Kb / 10P
N?묬hannel Enhancement
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com