Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP105-KBAM1 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP105-KBAM1
Description  Low safety ground leakage current
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP105-KBAM1 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP105-KBAM1 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This series of AC /DC switching power supplies are for 90-
105 watts of continuous output power. They are enclosed
in a 94V-1 rated polyphenylene-oxide case with an
IEC 320/C 14 to mate with interchangeable cord for world-
wide use. All models meet EN55011, EN55022 and FC C
class B emission limits, and are designed for medical
applications.
FEATURES
Low safety ground leakage current
Wide input range 90 to 264 VAC
OVP, OC P, OTP protection
C ompliant with C EC and Energy Star Efficiency level V
requirements
* No load power consumption less than 0.5 W
* Average active efficiency greater than 87%
Peak power (2 times of rated power) for voltage bellow
24V models
Optional output connectors
W ATTAGE
Wattage:
105W
DIMENSION
Dimension:
146.2mm(L) x 75.2mm(W) x
39.0mm(H)
INPUT SPECIFICATION
Input Range:
90-264 Vdc
Input F requency :
47-63 Hz
Input Current:
1.4A(rms) for115VAC ,
0.7A(rms) for230VAC
Leakage Current:
200 µA max. @ 264 VAC ,63
Hz
SAFETY STANDARD APPAOVAL
OUTPUT SPECIFICATION
Ripple & Noise:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500 us after a
25% step load change
Ov er Current
Protection:
Protected to short circuit
conditions
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Operating Temperature:0°C to
+60°C
Storage Temperature: -40°C to +
85℃
OUTPUT ELECTRICAL
Single Output:
19 V/ 5.52 A
NOTES
1. For 10 seconds maximum, average power not to exceed maximum power rating.
2. Ripple and noise is maximum peak to peak voltage value measured at output within 20 MHz bandwidth, at rated line
voltage and output load ranges, and with a 10 μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor across the
output.
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Medical PSU
FSP105-KBAM1


Similar Part No. - FSP105-KBAM1

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP105-KAAM1 FSP-FSP105-KAAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KEAM1 FSP-FSP105-KEAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KGAM1 FSP-FSP105-KGAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KHAM1 FSP-FSP105-KHAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KKAM1 FSP-FSP105-KKAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
More results

Similar Description - FSP105-KBAM1

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL7101 IKSEMICON-IL7101 Datasheet
348Kb / 9P
GROUND FAULT INTERRUPTER EARTH LEAKAGE CURRENT DETECTOR
logo
FSP TECHNOLOGY INC.
FSP085-DACM1 FSP-FSP085-DACM1 Datasheet
119Kb / 1P
Low safety ground leakage current
FSP085-DBCM1 FSP-FSP085-DBCM1 Datasheet
119Kb / 1P
Low safety ground leakage current
FSP085-DDCM1 FSP-FSP085-DDCM1 Datasheet
119Kb / 1P
Low safety ground leakage current
FSP105-KAAM1 FSP-FSP105-KAAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KEAM1 FSP-FSP105-KEAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KGAM1 FSP-FSP105-KGAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KHAM1 FSP-FSP105-KHAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KKAM1 FSP-FSP105-KKAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
FSP105-KLAM1 FSP-FSP105-KLAM1 Datasheet
203Kb / 1P
Low safety ground leakage current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com