Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP150-KBAM1 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP150-KBAM1
Description  Medical PSU
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP150-KBAM1 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP150-KBAM1 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This series of AC /DC switching power supplies are for 132-
150 watts of continuous output power. They are enclosed
in a 94 V-1 rated polyphenylene-oxide case with an
IEC 320/C 14 inlet to mate with interchangeable cord for
world-wide use. All models meet EN55011, EN55022 and
FC C class B emission limits, and are designed for medical
application not for life-supporting equipment.
FEATURES
Low safety ground leakage current
Wide input range 90 to 264 VAC
Optional output connectors
100% burn-in
Over voltage protection
Over current protection
C ompliant with C EC and Energy Star Efficiency level V
requirements
No load power consumption less than 0.5 W
Average active efficiency ≧ 87%
C ompliant with RoHS requirements
W ATTAGE
Wattage:
150W
DIMENSION
Dimension:
207.6mm(L) x 82.0mm(W) x
49.7mm(H)
INPUT SPECIFICATION
Input Range:
90-264 Vdc
Input F requency :
47-63 Hz
Input Current:
2.0A(rms) for115VAC ,
1.0A(rms) for230VAC
Leakage Current:
220 µA max. @ 264 VAC ,63
Hz
SAFETY STANDARD APPAOVAL
OUTPUT SPECIFICATION
Ripple & Noise:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500 us after a
25% step load change
Ov er Current
Protection:
Protected to short circuit
conditions
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Operating Temperature:0°C to
+60°C
Storage Temperature: -20°C to +
85℃
OUTPUT ELECTRICAL
Single Output:
19 V/ 7.9 A
NOTES
1. C lass I models are equipped with IEC 320/C 14 inlet.
2. Ripple and noise is maximum peak to peak voltage value measured at output within 20 MHz bandwidth, at rated line
voltage and output load ranges, and with a 10 μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor across the
output.
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Medical PSU
FSP150-KBAM1


Similar Part No. - FSP150-KBAM1

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP150-KAAM1 FSP-FSP150-KAAM1 Datasheet
147Kb / 1P
Medical PSU
More results

Similar Description - FSP150-KBAM1

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP135-KDAM1 FSP-FSP135-KDAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KEAM1 FSP-FSP135-KEAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KFAM1 FSP-FSP135-KFAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KGAM1 FSP-FSP135-KGAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KHAM1 FSP-FSP135-KHAM1 Datasheet
126Kb / 1P
Medical PSU
FSP150-KAAM1 FSP-FSP150-KAAM1 Datasheet
147Kb / 1P
Medical PSU
FSP180-AHAM1 FSP-FSP180-AHAM1 Datasheet
76Kb / 1P
Medical PSU
FSP202-1K20M1 FSP-FSP202-1K20M1 Datasheet
158Kb / 1P
Medical PSU
FSP202-1K70M1 FSP-FSP202-1K70M1 Datasheet
159Kb / 1P
Medical PSU
FSP200-KBCM1 FSP-FSP200-KBCM1 Datasheet
49Kb / 1P
Medical PSU
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com