Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPG-FE-LX-CDFC Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPG-FE-LX-CDFC
Description  Built-in PHY supporting SGMII Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPG-FE-LX-CDFC Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPG-FE-LX-CDFC Datasheet HTML 1Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 2Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 3Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 4Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 5Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 6Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 7Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 8Page - Source Photonics, Inc. SPG-FE-LX-CDFC Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS-7362 Rev 02 2013-11-21
SPG-FE-LX-IDFC
SPG-FE-LX-CDFC
Recommended Operating Conditions
Table 3 – Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Operating Case
Temperature
I-temp
TC
-40
-
+85
°C
C-temp
TC
-5
-
+70
°C
Power Supply Voltage
VCC
3.10
3.3
3.50
V
Power Supply Current
ICC
-
-
350
mA
1
Date Rate
125
Mbps
Note 1: The max. power supply current after module work stable.
Optical Characteristics
Table 4 – Optical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Centre Wavelength
λC
1260
1310
1360
nm
Average Output Power
P0ut
-15
-8
dBm
1
P0ut@TX Disable Asserted
P0ut
-45
dBm
1
Spectral Width (RMS)
σ
7.7
nm
Extinction Ratio
EX
9
dB
Rise/Fall Time (20%~80%)
tr/tf
3
ns
2
Output Optical Eye
Compatible with IEEE 802.3-2002
3
Receiver
Centre Wavelength
λC
1260
1310
1570
nm
Receiver Sensitivity
-31.5
dBm
4
Receiver Overload
-8
dBm
4
Return Loss
12
dB
LOS De-Assert
LOSD
-32.5
dBm
LOS Assert
LOSA
-45
dBm
LOS Hysteresis
0.5
4.5
dB
Total Jitter
(SGMII Series Interface)
TJ
0.43
UI
Notes:
1.
The optical power is launched into 9/125um SMF.
2.
Unfiltered, measured with 4B/5B code for 125Mbps
3.
Measured with 4B/5B code for 125Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com