Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54150 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54150
Description  Data Selectors/Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54150 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54150 Datasheet HTML 1Page - National Semiconductor (TI) 54150 Datasheet HTML 2Page - National Semiconductor (TI) 54150 Datasheet HTML 3Page - National Semiconductor (TI) 54150 Datasheet HTML 4Page - National Semiconductor (TI) 54150 Datasheet HTML 5Page - National Semiconductor (TI) 54150 Datasheet HTML 6Page - National Semiconductor (TI) 54150 Datasheet HTML 7Page - National Semiconductor (TI) 54150 Datasheet HTML 8Page - National Semiconductor (TI) 54150 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
’150 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
tPLH
Propagation Delay Time
Select
35
ns
Low to High Level Output
to W
tPHL
Propagation Delay Time
Select
33
ns
High to Low Level Output
to W
tPLH
Propagation Delay Time
Strobe
24
ns
Low to High Level Output
to W
tPHL
Propagation Delay Time
Strobe
30
ns
High to Low Level Output
to W
tPLH
Propagation Delay Time
E0-E15
20
ns
Low to High Level Output
to W
tPHL
Propagation Delay Time
E0-E15
14
ns
High to Low Level Output
to W
Recommended Operating Conditions
Symbol
Parameter
DM54151A
DM74151A
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
08
b
08
mA
IOL
Low Level Output Current
16
16
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com