Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRC Datasheet(PDF) 2 Page - Powerbox

Part # DRC
Description  Double Isolation (No earth connection required)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DRC Datasheet(HTML) 2 Page - Powerbox

  DRC Datasheet HTML 1Page - Powerbox DRC Datasheet HTML 2Page - Powerbox DRC Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.powerbox.com.au
DRC Series
1 0 - 1 0 0 W A T T S A C / D C D I N R A I L
TECHNICAL ILLUSTRATIONS
SELECTION TABLE
MODEL NUMBER
OUTPUT VOLTAGE
OUTPUT CURRENT
OUTPUT POWER
DRC-5V10W1AZ
5Vdc
1.5A
10W
DRC-12V10W1AZ
12Vdc
0.83A
10W
DRC-12V30W1AZ
12Vdc
2.1A
30W
DRC-12V60W1AZ
12Vdc
5.0A
60W
DRC-24V10W1AZ
24Vdc
0.42A
10W
DRC-24V30W1AZ
24Vdc
1.25A
30W
DRC-24V60W1AZ
24Vdc
2.5A
60W
DRC-24V100W1AZ
24Vdc
3.8A
100W
10W MODELS
30W MODELS
Doc. No. DRC Series Rev.C 15-9-15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com