Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP Datasheet(PDF) 2 Page - Powerbox

Part # DRP
Description  Power will not de-rate for the entire input voltage range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DRP Datasheet(HTML) 2 Page - Powerbox

  DRP Datasheet HTML 1Page - Powerbox DRP Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress – www.powerbox.com.au
2
Doc. No. DRP BN1PH Series Rev.A 16-9-15
SELECTION TABLE
TECHNICAL ILLUSTRATIONS
DRP BN1PH Series
6 0 - 4 8 0 W A T T S A C / D C D I N R A I L
MODEL NUMBER
OUTPUT VOLTAGE
OUTPUT CURRENT
POWER BOOST (5 SECS) OUTPUT POWER
DRP024V060W1BN
24Vdc
2.5A
3.75A
60W
DRP024V120W1BN
24Vdc
5A
7.5A
120W
DRP024V240W1BN
24Vdc
10A
15A
240W
DRP024V480W1BN
24Vdc
20A
30A
480W
DRP048V060W1BN
48Vdc
1.25A
1.8A
60W
DRP048V120W1BN
48Vdc
2.5A
3.75A
120W
DRP048V240W1BN
48Vdc
5A
7.5A
240W
DRP048V480W1BN
48Vdc
10A
15A
480W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com