Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM-AC Datasheet(PDF) 1 Page - Powerbox

Part # FARM-AC
Description  Autoranging 115/230VAC input
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

FARM-AC Datasheet(HTML) 1 Page - Powerbox

  FARM-AC Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
274
FARM AC/DC Front End
5 0 0 - 1 0 0 0 W A T T S - F I L T E R / A U T O R A N G I N G R E C T I F I E R M O D U L E
FEATURES
•
Autoranging 115/230VAC input
•
EMI filtering
•
500W to 100W models
•
Inrush current limiting
•
96% Efficiency
•
Mini sized package
•
Power fail signal
•
Module enable
•
Safety agency approvals
•
RoHS option
PRODUCTION INFORMATION
The FARM (Filter/Autoranging Rectifier Module) is an AC front which provides EMI filtering, autoranging line rectification, transient protection and
inrush current limiting. The FARM is available in either 500/750W or 750/1000W models in a mini sized package measuring only 57.9x55.9x12.7mm.
The FARM interfaces directly with worldwide AC mains and may be used with Vicor 300 V input DC/DC converters to realize an autoranging, high
density, low profile switching power supply. The FARM includes a microcontroller that continuously monitors the AC line to control bridge / doubler
operation. The user need only provide external capacitance to satisfy system hold-up requirements.
GENERAL
Input voltage
90-132/180-264VAC
Parameter
FARM1
FARM2
Output power rating
500W
750W:(90-132Vac)
750W
1000W:(180-264Vac)
Efficiency
96% typical
STANDARDS
Safety
UL60950, EN60950, CSA60950
EMC Immunity
EN61000-4-5, EN61000-4-11, EN61000-3-3
MECHANICAL
Dimensions
579 x 36.8 x 12.7mm
SPECIFICATIONS
PART NUMBERING
TYPICAL APPLICATION


Similar Part No. - FARM-AC

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FARM VICOR-FARM Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
FARM1C11 VICOR-FARM1C11 Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
logo
Powerbox
FARM1C11 POWERBOX-FARM1C11 Datasheet
385Kb / 1P
AUTORANGING AC INPUT WITH FILTER
logo
Vicor Corporation
FARM1C11 VICOR-FARM1C11 Datasheet
1Mb / 11P
Autoranging Rectifier Module Up to 1000 Watts
FARM1C11 VICOR-FARM1C11 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results

Similar Description - FARM-AC

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP130 POWER-ONE-MAP130 Datasheet
243Kb / 4P
Automatic 115/230 Input Voltage Selection
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
Automatic 115/230 Input Voltage Selection
logo
Extech Instruments Corp...
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
Mini Autoranging MultiMeter
logo
Powerbox
FARM1C11 POWERBOX-FARM1C11 Datasheet
385Kb / 1P
AUTORANGING AC INPUT WITH FILTER
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
AC INPUT - AUTORANGING
logo
List of Unclassifed Man...
UAW125S-12 ETC2-UAW125S-12 Datasheet
169Kb / 3P
Autoranging input
logo
Powerbox
FLATPAC POWERBOX-FLATPAC Datasheet
165Kb / 2P
Inputs - 115/230VAC autoranging
logo
List of Unclassifed Man...
MS8211 ETC1-MS8211 Datasheet
3Mb / 1P
PEN-TYPE AUTORANGING
logo
TiMOTION Technology Co....
TIP5 TIMOTION-TIP5 Datasheet
344Kb / 4P
Input voltage 115 or 230V AC
20221027-B
logo
Leadshine Technology Co...
RPS LEADSHINE-RPS Datasheet
231Kb / 5P
120/230VAC input, 24V/36V/48V/60V output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com