Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBAMR3 Datasheet(PDF) 1 Page - Powerbox

Part # PBAMR3
Description  36 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBAMR3 Datasheet(HTML) 1 Page - Powerbox

  PBAMR3 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
347
FEATURES
•
AC/DC Power Module
•
Universal Input 90~264VAC
•
High Efficiency up to 84%
•
Short Circuit Protection
•
Internal Input Filter
•
Low Profile for Building Automation
INPUT
Input voltage range
AC in 90-264VAC
DC in 120-370VDC
Line frequency
47-63Hz
Inrush current
Vi: 115VAC 20-25A
Vi: 230VAC 40-50A
OUTPUT
Output voltage accuracy
+1%
Minimum load
Not required.
Line regulation
+1%
Load regulation
+1%
Ripple and noise
BW = 20MHz, 50mV
Hold up time
Vi = 115VAC, lo nom 20 ms
Vi = 230VAC, lo nom 100 ms
ENVIRONMENTAL
Storage temperature
Non Operational -25 to +85°
Relative humidity
min 20% max 95%
Input fuse
T2A / 250VAC internal
Rated over load proection
110 - 150% of Vi nom
Isolation voltage
Input / Output 3,000VAC
Isolation resistance
Input-Output at 500VDC 100MΩ
Ambient temperature
-25°C to +71°C
Derating
From +56°C to +71°C, 2.5% per °C
MODEL NUMBER
OUTPUT
POWER
PBAMR3-05
+ 5 VDC
4500mA
22.5 WATTS
PBAMR3-12*
+ 12 VDC
2700mA
33 WATTS
PBAMR3-15
+ 15 VDC
2400mA
36 WATTS
PBAMR3-24*
+ 24 VDC
1500mA
36 WATTS
PBAMR3 Series
36 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
Cooling
Free air Convection.
Dimension
L91 x W53 x D56.2 mm
GENERAL
Efficiency
75% - 84% typical, model dependant
Weight
190g
STANDARDS
UL/cUL
UL508 Listed
UL1310 Class 2 power supply, UL60950-1
Recognised
TUV
EN60950-1
CE
EN6100-3-2, EN61000-3-3, EN61000-6-2,
EN55024, EN61000-4-2, EN61000-4-3,
EN61000-4-4, EN61000-4-5, EN61000-4-6,
EN61000-4-8, EN61000-4-11, EN61204-3
C tick
AS/NZ CISPR11 Group 1, Class A
EMI standards
EN61000-6-3, EN55022 Class B
*Non indent item
SPECIFICATIONS
MECHANICAL & PIN CONFIGURATION
SELECTION TABLE


Similar Part No. - PBAMR3

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBAMR1 POWERBOX-PBAMR1 Datasheet
384Kb / 2P
1 0 WAT T S - A C / D C D I N R A I L S U P P LY
PBAMR2 POWERBOX-PBAMR2 Datasheet
177Kb / 1P
24 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR4 POWERBOX-PBAMR4 Datasheet
179Kb / 1P
60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR5 POWERBOX-PBAMR5 Datasheet
178Kb / 1P
100 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results

Similar Description - PBAMR3

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA240-24A CHINFA-DRA240-24A Datasheet
437Kb / 4P
AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
DRA300-24A CHINFA-DRA300-24A Datasheet
443Kb / 4P
AC - DC DIN RAIL MOUNTABLE 300W INDUSTRIAL CONTROL EQUIPMENT
logo
Powerbox
PBAMR2 POWERBOX-PBAMR2 Datasheet
177Kb / 1P
24 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR4 POWERBOX-PBAMR4 Datasheet
179Kb / 1P
60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR5 POWERBOX-PBAMR5 Datasheet
178Kb / 1P
100 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDR10 POWERBOX-PBDR10 Datasheet
226Kb / 1P
10 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDRN30 POWERBOX-PBDRN30 Datasheet
96Kb / 1P
30 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDRN60 POWERBOX-PBDRN60 Datasheet
98Kb / 1P
60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com