Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54154 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54154
Description  4-Line to 16-Line Decoders/Demultiplexers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54154 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54154 Datasheet HTML 1Page - National Semiconductor (TI) 54154 Datasheet HTML 2Page - National Semiconductor (TI) 54154 Datasheet HTML 3Page - National Semiconductor (TI) 54154 Datasheet HTML 4Page - National Semiconductor (TI) 54154 Datasheet HTML 5Page - National Semiconductor (TI) 54154 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6548
June 1989
54154DM54154DM74154
4-Line to 16-Line DecodersDemultiplexers
General Description
Each or these 4-line-to-16-line decoders utilizes TTL circuit-
ry to decode four binary-coded inputs into one of sixteen
mutually exclusive outputs when both the strobe inputs G1
and G2 are low The demultiplexing function is performed
by using the 4 input lines to address the output line passing
data from one of the strobe inputs with the other strobe
input low When either strobe input is high all outputs are
high These demultiplexers are ideally suited for implement-
ing high-performance memory decoders All inputs are buff-
ered and input clamping diodes are provided to minimize
transmission-line effects and thereby simplify system de-
sign
Features
Y
Decodes 4 binary-coded inputs into one of 16 mutually
exclusive outputs
Y
Performs the demultiplexing function by distributing data
from one input line to any one of 16 outputs
Y
Input clamping diodes simplify system design
Y
High fan-out low-impedance totem-pole outputs
Y
Typical propagation delay
3 levels of logic 19 ns
Strobe 18 ns
Y
Typical power dissipation 170 mW
Y
Alternate MilitaryAerospace device (54154) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6548 – 1
Order Number 54154DMQB 54154FMQB DM54154J or DM74154N
See NS Package Number J24A N24A or W24C
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54154

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5415417-1 TEC-5415417-1 Datasheet
988Kb / 34P
RF Coax Connectors
5415417-1 TEC-5415417-1 Datasheet
989Kb / 34P
BNC Connectors (50 ohm/75 ohm)
Revised 3-07
5415419-1 TEC-5415419-1 Datasheet
988Kb / 34P
RF Coax Connectors
5415419-1 TEC-5415419-1 Datasheet
989Kb / 34P
BNC Connectors (50 ohm/75 ohm)
Revised 3-07
logo
Tyco Electronics
5415484-1 MACOM-5415484-1 Datasheet
503Kb / 17P
RF Coax Connectors
More results

Similar Description - 54154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS154 NSC-DM54LS154 Datasheet
120Kb / 6P
4-Line to 16-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC4514 TI-SN54HC4514 Datasheet
118Kb / 6P
4 LINE TO 16 LINE DECODERS / DEMULTIPLEXERS WITH ADDRESS LATCHES
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54LV139A TI-SN54LV139A_08 Datasheet
779Kb / 19P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74HCT4515E TI1-CD74HCT4515E Datasheet
249Kb / 10P
4-LINE TO 16-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com