Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBDR10 Datasheet(PDF) 1 Page - Powerbox

Part # PBDR10
Description  10 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBDR10 Datasheet(HTML) 1 Page - Powerbox

  PBDR10 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
350
FEATURES
•
Universal input 90 - 256VAC
•
DC input voltage 120-370Vdc
•
Compact and robust design with easy mounting on
TS35 Din-Rail
•
High efficiency up to 76%
•
Short circuit protection
•
Internal input filter
•
Operational temperature between -20°C to +71°C
•
Local and international Approvals; C-Tick, CE, UL,
cUL, TUV
INPUT
Input voltage range
90-264VAC
Input current
Vi: 115/230VAC, 200/130mA
Line frequency
47-63Hz
Inrush current
Vi: 115/230VAC, 10/18A
Power disipation
5V 4.0W, 12V 3.4W, 15V 3.3W, 24V 2.8W
Leakage current
Input-Output 0.25mA
Input-FG 3.5mA
OUTPUT
Voltage range
-10 to +15% of Vi nom +20% on 24V models
Hold-up time
Vi: 115/230VAC, 25/100ms
Ripple and noise
BW = 20MHz, 50 mV
Capacitor lLoad
3500µf
ENVIRONMENTAL
Storage temperature
-25 to +85°C
Relative humidity
20-95%
Isolation voltage
Input-Output at 3000VAC/VDC
Input-FG 1500VAC
Ambient temperature
-20°C to +71°C
Derating
From +61°C to +71°C, 2.5% per °C
Temperature coefficient
+0.03%°C
MODEL NUMBER
OUTPUT
POWER
PBDR10S05-A*
+ 5 V
2000 mA
10W
PBDR10S12-A*
+ 12V
840 mA
10W
PBDR10S15-A
+ 15 V
670 mA
10W
PBDR10S24-A*
+ 24 V
420 mA
10W
SELECTION TABLE
PBDR10 Series
10 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
Cooling
Free air convection
Dimensions
90 x 22.5 x 115 mm
GENERAL
Efficiency
73% - 76% typical, model dependant
Switching frequency
132KHz
Weight
120g
STANDARDS
Safety standards
UL508 Listed, UL60950-1, UL1310 Class 2
Power Recognised
ISA 12.12.01 (Class 1, Division 2, Groups
A,B,C and D)
C tick
AS/NZ CISPR11 Group 1, Class A
EMI standards
EN 61000-6-3
EN 55022 Class B
EN 61000-3-2, 3-3, EN 61000-3-3
* Non indent item
SPECIFICATIONS
MECHANICAL & PIN CONFIGURATION


Similar Part No. - PBDR10

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBDR240 POWERBOX-PBDR240 Datasheet
233Kb / 1P
2 4 0 WAT T S - AC/DC DIN R A I L MOUNTAB L E - INDUS TR I A L CONTROL
PBDR480 POWERBOX-PBDR480 Datasheet
229Kb / 1P
4 8 0 WAT T S - AC/DC DIN R A I L MOUNTAB L E - INDUS TR I A L CONTROL
PBDRD15 POWERBOX-PBDRD15 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
PBDRD15-03 POWERBOX-PBDRD15-03 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
PBDRD15-05 POWERBOX-PBDRD15-05 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
More results

Similar Description - PBDR10

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA240-24A CHINFA-DRA240-24A Datasheet
437Kb / 4P
AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
DRA300-24A CHINFA-DRA300-24A Datasheet
443Kb / 4P
AC - DC DIN RAIL MOUNTABLE 300W INDUSTRIAL CONTROL EQUIPMENT
logo
Powerbox
PBAMR2 POWERBOX-PBAMR2 Datasheet
177Kb / 1P
24 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR3 POWERBOX-PBAMR3 Datasheet
187Kb / 1P
36 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR4 POWERBOX-PBAMR4 Datasheet
179Kb / 1P
60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR5 POWERBOX-PBAMR5 Datasheet
178Kb / 1P
100 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDRN30 POWERBOX-PBDRN30 Datasheet
96Kb / 1P
30 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDRN60 POWERBOX-PBDRN60 Datasheet
98Kb / 1P
60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com