Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBIC Datasheet(PDF) 2 Page - Powerbox

Part # PBIC
Description  1 5 - 1 1 0 W A T T S - A C / D C & M U L T I P L E D U A L O U T P U T
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBIC Datasheet(HTML) 2 Page - Powerbox

  PBIC Datasheet HTML 1Page - Powerbox PBIC Datasheet HTML 2Page - Powerbox PBIC Datasheet HTML 3Page - Powerbox PBIC Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Doc. No. PBC9 Rev.C 28-4-11
60
PBIC Series
1 5 - 1 1 0 W A T T S - A C / D C D U A L & M U L T I P L E O U T P U T
MODEL
NUMBER
OUTPUT #1
OUTPUT #2
OUTPUT #3
MAX OUTPUT
VNOM
IMIN
IMAX
VNOM
IMIN
IMAX
VNOM
IMIN
IMAX
POWER
PBIC-D3F
5V
0.2A
1.2A
24V
0A
0.4A
15W
PBIC-D1F
12V
0.2A
0.8A
12V
0A
0.5A
15W
PBIC-D2F
15V
0.2A
0.5A
15V
0A
0.5A
15W
PBIC-D5F
5V
0.2A
1.8A
12V
0A
0.5A
15W
PBIC-D3G
5V
0.2A
2.6A
24V
0A
0.5A
25W
PBIC-D3BG
24V
0.2A
0.85A
5V
0A
0.9A
25W
PBIC-D1G
12V
0.2A
1.2A
12V
0A
0.9A
25W
PBIC-D2G
15V
0.2A
0.85A
15V
0A
0.85A
25W
PBIC-D5G
5V
0.2A
2.6A
12V
0A
0.9A
25W
PBIC-D5BG
12V
0.2A
1.7A
5V
0A
0.9A
25W
PBIC-D3BJ
24V
0.5A
1.7A
5V
0A
1.8A
50W
PBIC-D1J
12V
0.5A
3.0A
12V
0A
1.2A
50W
PBIC-D2J
15V
0.5A
1.8A
15V
0A
1.5A
50W
PBIC-D5J
5V
0.5A
5.0A
12V
0A
1.8A
50W
PBIC-D5BJ
12V
0.5A
3.4A
5V
0A
1.8A
50W
PBIC-D3L
5V
0.5A
10A
24V
0A
2A (P) 3A
80W
PBIC-D3BL
5V
0.5A
6A
24V
0A
3A (P) 3.5A
80W
PBIC-D1L
1V
0.2A
5A
12V
0A
5A (P) 5A
80W
PBIC-D2L
15V
0.2A
4A
15V
0A
3.2A
80W
PBIC-D5L
5V
0.5A
10A
12V
0A
4A (P) 5A
80W
PBIC-D5BL
5V
0.5A
6A
12V
0A
6A (P) 7A
80W
PBIC-D3N
5V
0.5A
15A
24V
0A
3A (P) 4A
110W
PBIC-D1N
12V
0.2A
7A
12V
0A
4.2A (P) 5A
110W
PBIC-D2N
15V
0.2A
5.6A
15V
0A
3.6A
110W
PBIC-D5N
5V
0.5A
15A
12V
0A
6A (P) 7A
110W
PBIC-D5BN
24V
0A
4.3A (P) 5A
(V3) 5V
0A
1.5A
110W
PBIC-T1F
5V
0.2A
2.0A
12V
0A
0.3A
-12V
0A
0.2A
15W
PBIC-T3F
5V
0.2A
2.0A
12V
0A
0.3A
-5V
0A
0.2A
15W
PBIC-T2F
5V
0.2A
2.0A
15V
0A
0.2A
-15V
0A
0.2A
15W
PBIC-T1G
5V
0.2A
3.0A
12V
0A
0.5A
-12v
0A
0.35A
25W
PBIC-T3G
5V
0.2A
3.0A
12V
0A
0.5A
-5V
0A
0.35A
25W
PBIC-T2G
5V
0.2A
3.0A
15V
0A
0.35A
-15V
0A
0.35A
25W
PBIC-T1J
5V
0.5A
5.0A
12V
0A
1.5A
-12V
0A
0.5A
50W
PBIC-T3J
5V
0.5A
5.0A
12V
0A
1.5A
-5V
0A
0.5A
50W
PBIC-T2J
5V
0.5A
5.0A
15V
0A
1.2A
-15V
0A
0.5A
50W
PBIC-T1L
5V
1A
10A
12V
0A
4A (P) 5A
-12V
0A
1A
80W
PBIC-T3L
5V
1A
10A
12V
0A
4A (P) 5A
-5V
0A
1.5A
80W
PBIC-T2L
5V
1A
10A
15V
0A
3.2A
-15V
0A
1A
80W
PBIC-T4L
5V
1A
10A
24V
0A
2A (P) 3A
+12V
0A
1A
80W
PBIC-T1N
5V
1A
15A
12V
0A
4.2A (P) 5A
-12V
0A
1.2A
110W
PBIC-T3N
5V
1A
15A
12V
0A
4.2A (P) 5A
-5V
0A
1.5A
110W
PBIC-T2N
5V
1A
15A
15V
0A
3.6A
-15V
0A
1A
110W
PBIC-T4N
5V
1A
15A
24V
0A
2.1A (P) 3A
+12V
0A
1.2A
110W
SELECTION TABLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com