Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBI6C-48J-R Datasheet(PDF) 2 Page - Powerbox

Part # PBI6C-48J-R
Description  5 0 - 1 5 0 WAT T S A C / D C S I N G L E O U T P U T WI T H R E M O T E C O N T R O L
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBI6C-48J-R Datasheet(HTML) 2 Page - Powerbox

  PBI6C-48J-R Datasheet HTML 1Page - Powerbox PBI6C-48J-R Datasheet HTML 2Page - Powerbox PBI6C-48J-R Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBI6C Series Rev.A 17-9-15
2
SELECTION TABLE
TECHNICAL ILLUSTRATIONS
MODEL NUMBER
OUTPUT
RIPPLE NOISE
POWER
PBI6C-12J-R
12V
4.3A
150mVp-p
50W
PBI6C-15J-R
15V
3.5A
150mVp-p
50W
PBI6C-24J-R
24V
2.2A
150mVp-p
50W
PBI6C-48J-R
48V
1.1A
250mVp-p
50W
PBI6C-12M-R
12V
8.5A
150mVp-p
100W
PBI6C-15M-R
15V
7A
150mVp-p
100W
PBI6C-24M-R
24V
4.5A
150mVp-p
100W
PBI6C-48M-R
48V
2.1A
250mVp-p
100W
PBI6C-12R-R
12V
13A
150mVp-p
150W
PBI6C-15R-R
15V
10A
150mVp-p
150W
PBI6C-24R-R
24V
6.5A
150mVp-p
150W
PBI6C-48R-R
48V
3.3A
250mVp-p
150W
PBI6C-J Models
PBI6C Series
5 0 - 1 5 0 W A T T S A C / D C S I N G L E O U T P U T W I T H R E M O T E C O N T R O L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com