Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBI6C-12R-R Datasheet(PDF) 1 Page - Powerbox

Part # PBI6C-12R-R
Description  5 0 - 1 5 0 WAT T S A C / D C S I N G L E O U T P U T WI T H R E M O T E C O N T R O L
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBI6C-12R-R Datasheet(HTML) 1 Page - Powerbox

  PBI6C-12R-R Datasheet HTML 1Page - Powerbox PBI6C-12R-R Datasheet HTML 2Page - Powerbox PBI6C-12R-R Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Doc. No. PBI6C Series Rev.A 17-9-15
1
PBI6C Series
5 0 - 1 5 0 W A T T S A C / D C S I N G L E O U T P U T W I T H R E M O T E C O N T R O L
FEATURES
•
Universal input 85-264Vac/110-350Vdc
•
Small size and light weight
•
Harmonic current regulation
•
Remote control on all models
•
Low leakage <500µA
•
DC input all models
•
Short circuit, over current and over voltage protected
•
DIN Rail mount option available
•
5 years warranty
INPUT
Voltage
85~264Vac / 110~350Vdc.
Frequency
50/60 Hz.
Inrush current
14A @ 100V
28A @200V
OUTPUT
Output voltage
See table.
Voltage adjustment
50W-150W:
12 Vdc: 10.8Vdc to 13.2 Vdc
15 Vdc: 13.5Vdc to 16.5 Vdc
24 Vdc: 21.6Vdc to 26.4 Vdc
48 Vdc: 43.2Vdc to 52.8 Vdc
Output current
See table.
Minimum load
Unit will operate with zero load.
Ripple and Noise
12V-36V output 150mV pk-pk
48V output 250mV pk-pk
Line regulation
12V: 48mV max
15V: 60mV max
24V: 96mV max
48V: 192mV max
Load regulation
12V: 100mV
15V: 120mV
24V: 150mV
48V: 240mV
Temperature drift
12V: 48mV max
15V: 60mV max
24V: 96mV max
48V: 192mV max
Over Current protection
Works at approximately 105% of
rated current with auto recovery
Over Current protection
Yes
Over Voltage protection
Yes
Remote sense
Optional
Remote control
Yes
Rise time
30ms typical
Holdup time
30ms max
OPERATING
Efficiency
At AC 200V 79%-89%
Indicators
Power source on LED indication ; Green
ENVIRONMENTAL
Operating temperature
-10°C to 71°C
(50W) derate from 50°C ,
(100-150W) derate linearly from:
50°C (Vertical Mounting) ,
40°C (Horizontal Mounting),
Cooling
Convection
Humidity
20%-90% non-condensing.
Vibration
10Hz-55Hz at 2G
Shock
196 m/s2 X, Y, Z axis
STANDARDS
Safety
UL60950-1 1st ed., CAN/CSA C22.2 No.60950-
1-03 Approved UL508 17th ed. , CAN/CSA
C22.2 No.107.1-01 Approved
EN60950-1:2001+A11:2004 Approved
CE Marking: EN60950-1:2001+A11:2004(LVD)
Declared
C-Tick
AS/NZS CISPR11 Group 1 Class A.
Line Harmonic
Distortion/Current
IEC61000-3-2 Compliant
EMI compliances
Built to meet FCC part 15 class B, VCCI-B,
CISPR22-B, EN55022-B
CE marking
Complies with LVD and EMC Directives


Similar Part No. - PBI6C-12R-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PBI04100 ETC2-PBI04100 Datasheet
553Kb / 4P
MODEL LDD - LARGE DIGIT DISPLAY
PBI04101 ETC2-PBI04101 Datasheet
553Kb / 4P
MODEL LDD - LARGE DIGIT DISPLAY
PBI04102 ETC2-PBI04102 Datasheet
553Kb / 4P
MODEL LDD - LARGE DIGIT DISPLAY
PBI04103 ETC2-PBI04103 Datasheet
553Kb / 4P
MODEL LDD - LARGE DIGIT DISPLAY
PBI04107 ETC2-PBI04107 Datasheet
553Kb / 4P
MODEL LDD - LARGE DIGIT DISPLAY
More results

Similar Description - PBI6C-12R-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GS400SD ETL-GS400SD Datasheet
153Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
logo
Powerbox
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PB315 POWERBOX-PB315 Datasheet
142Kb / 1P
5 0 0 WAT T S R O L L I N G S T O C K D C / D C C O N V E R T E R
TRG70A POWERBOX-TRG70A Datasheet
536Kb / 1P
7 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com