Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR8H100MFS Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR8H100MFS
Description  Switch Mode Power Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR8H100MFS Datasheet(HTML) 2 Page - ON Semiconductor

  MBR8H100MFS Datasheet HTML 1Page - ON Semiconductor MBR8H100MFS Datasheet HTML 2Page - ON Semiconductor MBR8H100MFS Datasheet HTML 3Page - ON Semiconductor MBR8H100MFS Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR8H100MFS, NRVB8H100MFS
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance, Junction−to−Case, Steady State
(Assumes 600 mm2 1 oz. copper bond pad, on a FR4 board)
RθJC
−
2.2
°C/W
ELECTRICAL CHARACTERISTICS
Instantaneous Forward Voltage (Note 1)
(iF = 8 Amps, TJ = 125°C)
(iF = 8 Amps, TJ = 25°C)
vF
0.68
0.81
0.76
0.90
V
Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
180
0.06
300
2
mA
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1.0
0.6
0.4
0.2
0
0.1
1
10
100
0.6
0.4
0.2
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
60
50
40
30
20
10
0
1.E−12
100
50
40
30
20
10
0
1.2
TA = 175°C
125
°C
150
°C
25
°C
−40
°C
0.8
1.0
1.2
TA = 175°C
125
°C
150
°C
25
°C
−40
°C
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
TA = 175°C
TA = 150°C
TA = 125°C
TA = 25°C
TA = −40°C
TA = 175°C
TA = 150°C
TA = 125°C
TA = 25°C
TA = −40°C
1.E−11
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
0.8
100
90
80
70
1.E−10
1.E−11
60
80
70
90
1.E−10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com