Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR2045MFS
Description  Switch Mode Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2045MFS Datasheet(HTML) 3 Page - ON Semiconductor

  MBR2045MFS Datasheet HTML 1Page - ON Semiconductor MBR2045MFS Datasheet HTML 2Page - ON Semiconductor MBR2045MFS Datasheet HTML 3Page - ON Semiconductor MBR2045MFS Datasheet HTML 4Page - ON Semiconductor MBR2045MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR2045MFS, NRVB2045MFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
0.10
1.00
10.00
100.00
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.800.90
Figure 1. Typical Instantaneous Forward
Voltage
Figure 2. Maximum Instantaneous Forward
Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
TA = 150°C
125
°C
25
°C
TA = 150°C
125
°C
25
°C
0.10
1.00
10.00
100.00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
−40
°C
−40
°C
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
0
10203040
Figure 3. Typical Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
TA = 150°C
TA = 125°C
TA = 25°C
TA = −40°C
0
1020
3040
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
TA = 150°C
TA = 125°C
TA = 25°C
TA = −40°C
10
100
1,000
10,000
0
1020
3040
45
515
25
35
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
TJ = 25°C
0
5
10
15
20
25
30
35
40
45
50
55
60
0
20
40
60
80
100
120
140 160
Figure 6. Current Derating TO−220AB
TC, CASE TEMPERATURE (°C)
RqJC = 1.6°C/W
dc
SQUARE WAVE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com