Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR5100MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR5100MFS
Description  SWITCHMODE Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR5100MFS Datasheet(HTML) 3 Page - ON Semiconductor

  MBR5100MFS Datasheet HTML 1Page - ON Semiconductor MBR5100MFS Datasheet HTML 2Page - ON Semiconductor MBR5100MFS Datasheet HTML 3Page - ON Semiconductor MBR5100MFS Datasheet HTML 4Page - ON Semiconductor MBR5100MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR5100MFS, NRVB5100MFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
0.9
0.8
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
80
70
60
40
30
20
10
0
1.E+00
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating TO−220AB
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
100
30
20
10
0
10
100
1000
160
140
120
100
80
60
0
1
3
4
5
7
9
10
0.7
1.0
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
0.6 0.7
1.0
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
1.E−01
1.E−02
1.E−03
1.E−04
1.E−05
1.E−06
1.E−07
1.E−08
1.E−09
1.E−10
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
80
30
60
50
40
20
10
0
1.E+00
1.E−01
1.E−02
1.E−03
1.E−04
1.E−05
1.E−06
1.E−07
1.E−08
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
90
100
TJ = 25°C
2
6
8
RqJC = 2.4°C/W
Square Wave
DC
0.9
50
100
70
90
60
50
40
90
80
70



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com