Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSM220B12-R7B Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # GSM220B12-R7B
Description  220W AC-DC High Reliability Medical Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSM220B12-R7B Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GSM220B12-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM220B12-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSM220B12-R7B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
POWER LED
210
30±3mm
UL2464 16AWGx4C 1000±50mm
1
2
4
3
AMBIENT TEMPERATURE (℃)
INPUT VOLTAGE (VAC) 60Hz
80
100
90
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
For 12~15V
For others
File Name:GSM220B-SPEC 2015-10-29
Case No. 961A
Unit:mm
G S M 2 2 0 B series
46
220W AC-DC High Reliability Medical Adaptor
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Plug Assignment
R7B
PIN NO.
1,4
2,3
OUTPUT
+V
-V
2
3
1
4
Output plug (Power DIN 4 pin with lock type) : KYCON KPPX-4P equivalent
Mating plug (customer side , not provide with power supply) : KYCON KPJX-CM-4S equivalent
AMBIENT TEMPERATURE (℃)
0
-30
20
10
30
40
20
50
80
100
60
50
70
(HORIZONTAL)
40
60



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com