Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54174 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54174
Description  Hex/Quad D Flip-Flops with Clear
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54174 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54174 Datasheet HTML 1Page - National Semiconductor (TI) 54174 Datasheet HTML 2Page - National Semiconductor (TI) 54174 Datasheet HTML 3Page - National Semiconductor (TI) 54174 Datasheet HTML 4Page - National Semiconductor (TI) 54174 Datasheet HTML 5Page - National Semiconductor (TI) 54174 Datasheet HTML 6Page - National Semiconductor (TI) 54174 Datasheet HTML 7Page - National Semiconductor (TI) 54174 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
’174 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
fMAX
Maximum Clock
30
MHz
Frequency
tPLH
Propagation Delay Time
Clock to
25
ns
Low to High Level Output
Any Q
tPHL
Propagation Delay Time
Clock to
25
ns
High to Low Level Output
Any Q
tPHL
Propagation Delay Time
Clear to
40
ns
High to Low Level Output
Any Q
Recommended Operating Conditions
Symbol
Parameter
DM54175
DM74175
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
08
b
08
mA
IOL
Low Level Output Current
16
16
mA
fCLK
Clock Frequency (Note 1)
0
30
0
30
MHz
tW
Pulse Width
Clock Low
25
25
(Note 1)
Clock High
10
10
ns
Clear
20
20
tSU
Data Setup Time (Note 1)
20
20
ns
tH
Data Hold Time (Note 1)
0
0
ns
tREL
Clear Release Time (Note 1)
30
30
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Note 1
TA e 25 C and VCC e 5V
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com