Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVC75 Datasheet(PDF) 2 Page - Powerbox

Part # DVC75
Description  4 0 - 7 7 WAT T S D C / D C C O N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DVC75 Datasheet(HTML) 2 Page - Powerbox

  DVC75 Datasheet HTML 1Page - Powerbox DVC75 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
97
DVC75
40-77 W A TTS DC/DC CONVER TER
TYPE
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT *)
CAT. NO.
DVC75-24-5
24VDC (17-40VDC)
5VDC
8A
105100
DVC75-24-12
24VDC (17-40VDC)
12.5VDC
4A
105101
DVC75-24-20
24VDC (17-40VDC)
20VDC
2.5A
105103
DVC75-24-24
24VDC (17-40VDC)
24VDC
2A
105102
DVC75-36-12
36VDC (25-70VDC)
12.5VDC
5A
105051
DVC75-36-24
36VDC (25-70VDC)
24VDC
2.8A
105053
DVC75-48-12
48VDC (33-90VDC)
12.5VDC
6A
105083
DVC75-48-15
48VDC (33-90VDC)
15VDC
5A
105049
DVC75-48-24
48VDC (33-90VDC)
24VDC
3.2A
105092
DVC75-80-12
72/80/96/110VDC
(56-154VDC) 12,5VDC
6A
105085
DVC75-80-24
72/80/96/110VDC
(56-154VDC) 24VDC
3.2A
105093
SELECTION TABLE
TECHNICAL ILLUSTRATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com