Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVC125 Datasheet(PDF) 2 Page - Powerbox

Part # DVC125
Description  9 7 . 5 - 1 3 2 WAT T S D C / D C C O N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DVC125 Datasheet(HTML) 2 Page - Powerbox

  DVC125 Datasheet HTML 1Page - Powerbox DVC125 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
99
DVC125
97.5-132 W A TTS DC/DC CONVER TER
TYPE
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT *)
CAT. NO.
DVC125-24-12
24VDC (17-40VDC)
12,5VDC
8A
105078
DVC125-24-15
24VDC (20-40VDC)
15VDC
6.5A
105071
DVC125-24-20
24VDC (17-40VDC)
20VDC
5A
105106
DVC125-24-24
24VDC (17-40VDC)
24VDC
5A
105079
DVC125-36-12
36VDC (25-70VDC)
12.5VDC
10A
105077
DVC125-36-20
36VDC (25-70VDC)
20VDC
5.5A
105076
DVC125-36-24
36VDC (25-70VDC)
24VDC
5.5A
105107
DVC125-48-12
48VDC (33-90VDC)
12.5VDC
10A
105086
DVC125-48-20
48VDC (33-90VDC)
20VDC
5.5A
105104
DVC125-48-24
48VDC (33-90VDC)
24VDC
5.5A
105080
DVC125-80-12
72/80/96/110VDC (56-154VDC)
12,5VDC
10A
105087
DVC125-80-20
72/80/96/110VDC (56-154VDC)
20VDC
5.5A
105105
DVC125-80-24
72/80/96/110VDC (56-154VDC)
24VDC
5.5A
105082
TECHNICAL ILLUSTRATION
SELECTION TABLE
TECHNICAL ILLUSTRATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com