Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVC500 Datasheet(PDF) 2 Page - Powerbox

Part # DVC500
Description  D C / D C A U T O M O T I V E C O N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DVC500 Datasheet(HTML) 2 Page - Powerbox

  DVC500 Datasheet HTML 1Page - Powerbox DVC500 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
DVC500 Series
D C / D C A U T O M O T I V E C O N V E R T E R
TECHNICAL ILLUSTRATIONS
SELECTION TABLE
Doc. No. DVC500 Rev.D 25-11-15
MODEL
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT
POWER
DVC500-36-24
36VDC (25-70VDC)
24VDC
21A
500W
DVC500-48-12
48VDC (33-90VDC)
12.5VDC
40A
500W
DVC500-48-13.8
48VDC (33-90VDC)
13.8VDC
36A
500W
DVC500-48-24
48VDC (33-90VDC)
24VDC
21A
500W
DVC500-48-28.8
48VDC (41-80VDC)
28.8VDC
17.4A
500W
DVC500-80-12
72/80/96/110VDC (56-154VDC)
12.5VDC
40A
500W
DVC500-80-13.8
72/80/96/110VDC (65-154VDC)
13.8VDC
36A
500W
DVC500-80-24
72/80/96/110VDC (56-154VDC)
24VDC
21A
500W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com