Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2SA Datasheet(PDF) 2 Page - Powerbox

Part # EC2SA
Description  2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

EC2SA Datasheet(HTML) 2 Page - Powerbox

  EC2SA Datasheet HTML 1Page - Powerbox EC2SA Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Doc. No. PBC9 Rev.C 28-4-11
144
EC2SA Series
2 W A T T S - D C / D C S I N G L E & M U L T I P L E O U T P U T
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
% EFF.
CASE
EC2SA-05S33
3.3VDC
0 mA
500 mA
458 mA
72
EC2SA-05S05
5VDC
0 mA
400 mA
526 mA
76
EC2SA-05S12
12VDC
0 mA
167 mA
507 mA
79
EC2SA-05S15
4.5-9.0 VDC
15VDC
0 mA
134 mA
60 mA
503 mA
80
SIP-8
EC2SA-05D05
±5VDC
±0 mA
±200 mA
526 mA
76
EC2SA-05D12
±12VDC
±0 mA
±83 mA
498 mA
80
EC2SA-05D15
±15VDC
±0 mA
±67 mA
503 mA
80
EC2SA-12S33
3.3VDC
0 mA
500 mA
186 mA
74
EC2SA-12S05
5VDC
0 mA
400 mA
214 mA
78
EC2SA-12S12
12VDC
0 mA
167 mA
206 mA
81
EC2SA-12S15
9-18 VDC
15VDC
0 mA
134 mA
30 mA
204 mA
82
SIP-8
EC2SA-12D05
±5VDC
±0 mA
200 mA
208 mA
80
EC2SA-12D12
±12VDC
±0 mA
±83 mA
202 mA
82
EC2SA-12D15
±15VDC
±0 mA
±67 mA
204 mA
82
EC2SA-24S33
3.3VDC
0 mA
500 mA
90 mA
76
EC2SA-24S05
5VDC
0 mA
400 mA
107 mA
78
EC2SA-24S12
12VDC
0 mA
167 mA
103 mA
81
EC2SA-24S15
18-36 VDC
15VDC
0 mA
134 mA
18 mA
102 mA
82
SIP-8
EC2SA-24D05
±5VDC
±0 mA
±200 mA
107 mA
78
EC2SA-24D12
±12VDC
±0 mA
±83 mA
102 mA
81
EC2SA-24D15
±15VDC
±0 mA
±67 mA
102 mA
82
EC2SA-48S33
3.3VDC
0 mA
500 mA
46 mA
74
EC2SA-48S05
5VDC
0 mA
400 mA
53 mA
78
EC2SA-48S12
12VDC
0 mA
167 mA
51 mA
82
EC2SA-48S15
36-75 VDC
15VDC
0 mA
134 mA
9 mA
50 mA
83
SIP-8
EC2SA-48D05
±5VDC
±0 mA
±200 mA
53 mA
78
EC2SA-48D12
±12VDC
±0 mA
±83 mA
50 mA
83
EC2SA-48D15
±15VDC
±0 mA
±67 mA
51 mA
82
SELECTION TABLE
TECHNICAL ILLUSTRATION
NOTE: 1. Nominal Input Voltage 5, 12 or 24VDC
All Dimensions in inches (mm)
Tolerance Inches: xx= ±5, xx= ±05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com