Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBBA Datasheet(PDF) 3 Page - Powerbox

Part # PBBA
Description  1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBBA Datasheet(HTML) 3 Page - Powerbox

  PBBA Datasheet HTML 1Page - Powerbox PBBA Datasheet HTML 2Page - Powerbox PBBA Datasheet HTML 3Page - Powerbox PBBA Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Doc. No. PBC9 Rev.C 28-4-11
206
PBBA Series
1 . 5 - 1 0 W A T T S - D C / D C S I N G L E & M U L T I P L E O U T P U T
TECHNICAL ILLUSTRATIONS
PBBA-A
PBBA-D-A
PBBA-B
PBBA-D-B
MODEL
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
A
OUTPUT
POWER
WATT
PBBA-24D12C
18-36
±12 or +24
0.25
6W
PBBA-24D15C
18-36
±15 or +30
0.2
6W
PBBA-48D12C
36-76
±12 or +24
0.25
6W
PBBA-48D15C
36-76
±15 or +30
0.2
6W
PBBA-05D12D
4.5-9
±12 or +24
0.45
10W
PBBA-05D15D
4.5-9
±15 or +30
0.35
10W
PBBA-12D12D
9-18
±12 or +24
0.45
10W
PBBA-12D15D
9-18
±15 or +30
0.35
10W
PBBA-24D12D
18-36
±12 or +24
0.45
10W
PBBA-24D15D
18-36
±15 or +30
0.35
10W
PBBA-48D12D
36-76
±12 or +24
0.45
10W
PBBA-48D15D
36-76
±15 or +30
0.35
10W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com