Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC0802 Datasheet(PDF) 1 Page - Powertip Technology

Part # PC0802
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0802 Datasheet(HTML) 1 Page - Powertip Technology

  PC0802 Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
OUTLINE DIMENSION & BLOCK DIAGRAM
LCD option: STN, TN, FSTN
Backlight Option: LED Backlight feature, other Specs not available on catalog is under request
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
84.0 x 44.0
63.0 x 25.0
1.15 x 1.36
1.23 x 1.44
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
/
9.1 / 13.7
Vdd+0.3
V
V
V
13
7
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
NW
4.3
4.5
4.1
Vdd=5V
3.8
3.9
4.4
ELECTRICAL CHARACTERISTICS
Typical
NW
Max. Units
V
5.1
4.7
4.4
5.9
5
4.5
V
V
V
V
V
mA
mA
mA
2.5
NW
4.6
4.8
4.5
4.1
4.2
4.7
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vss
Vdd
Vo
RS
R/W
E
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Power supply(GND)
Power supply(+)
Contrast Adjust
Register select signal
Data read / write
Enable signal
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
15
16
A
K
Power supply for LED B/L (+)
Power supply for LED B/L ( )
/
1.5
200
Power supply voltage Vdd-Vss
25oC
2.7
5.5
V
PC 0802-L
PC 0802-L
DB7
DB0
E
R/W
RS
Vss
Vdd
Vo
A
K
LCD
CONTROLLER
LSI
LCD PANEL
COM 16
42.0
79.0
75.0
63.0
57.17
2-R1.25
HOLE 2- 2.5
76.0
84.0 0.5
P2.54 x 15=38.1
18
16- 1.0
14
1A
4.0
10.2
4-R3.0
K
7.3
6.07
1.15
0.08
LED BACKLIGHT
SEG 40
1.6
H1
H2


Similar Part No. - PC0802

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC0802 POWERTIP-PC0802 Datasheet
54Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC0802-A POWERTIP-PC0802-A Datasheet
58Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC0802A POWERTIP-PC0802A Datasheet
54Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
logo
P-tec Corporation
PC0802A-O P-TEC-PC0802A-O Datasheet
44Kb / 2P
Character Display
logo
Powertip Technology
PC0802ARS-AWA-A POWERTIP-PC0802ARS-AWA-A Datasheet
557Kb / 19P
LCD Module:1/16 Duty,1/4 Bias
2003/7/5
More results

Similar Description - PC0802

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com