Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GST120A12-R7B Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # GST120A12-R7B
Description  120W AC-DC High Reliability Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST120A12-R7B Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GST120A12-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST120A12-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST120A12-R7B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
1
2
4
3
35
35
167
167
Ul2464 16AWGx4C 1000 50mm for 12V
±
UL2464 16AWGx2C 1200 50mm
±
POWER LED
POWER LED
30 3mm
±
30 3mm
±
C"+"
Inside
Outside
11
Plug Assignment
PIN NO.
1,4
2,3
Standard plug (all models) :
OUTPUT
+V
-V
2
3
1
4
AC FG
-V connected to AC FG
-V connected to AC FG
R7B
Inside
Outside
C"+"
P/N
CENTER
P1M
Standard plug(For 20V,24V,48V only)
11
OUTPUT
+
ID 2.5 x OD 5.5
AMBIENT TEMPERATURE ( )
℃
-30
20
10
30
40
20
40
80
60
100
60
50
45
70
INPUT VOLTAGE (VAC) 60Hz
85
100
95
120
110
160
140
200
180
240
220
264
85
100
80
70
60
50
40
(HORIZONTAL)
50
230VAC
100VAC
Ul2464 18AWGx4C 1200 50mm for 15~48V
±
GST120A series
File Name:GST120A-SPEC 2015-06-12
Case No. GS120A
Unit:mm
120W AC-DC High Reliability Industrial Adaptor
Output plug (Power DIN 4 pin with lock type) : KYCON KPPX-4P equivalent
Mating plug (customer side , not provide with power supply) : KYCON KPJX-CM-4S equivalent



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com