Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GST160A48-R7B Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # GST160A48-R7B
Description  160WAC-DC High Reliability Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST160A48-R7B Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GST160A48-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST160A48-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST160A48-R7B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Plug Assignment
Case No. GS160A
Unit:mm
35
GS 160
T
A series
30 3mm
±
175
UL2464 18AWGx4C 1200 50mm for 15V~48V
±
1
2
4
3
POWER LED
File Name:GS 160-SPEC 2015-06-12
T
AMBIENT TEMPERATURE ( )
℃
-30
20
10
30
40
20
40
80
60
100
60
50
70
(HORIZONTAL)
50
230VAC
100VAC
INPUT VOLTAGE (VAC) 60Hz
85
100
95
120
110
160
140
200
180
240
220
264
85
100
80
70
60
50
40
R7B
PIN NO.
1,4
2,3
OUTPUT
+V
-V
2
3
1
4
AC FG
-V connected to AC FG
160W AC-DC High Reliability Industrial Adaptor
UL2464 16AWGx4C 1000 50mm for 12V
±
Output plug (Power DIN 4 pin with lock type) : KYCON KPPX-4P equivalent
Mating plug (customer side , not provide with power supply) : KYCON KPJX-CM-4S equivalent



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com