Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC Datasheet(PDF) 2 Page - Powerbox

Part # PMC
Description  3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PMC Datasheet(HTML) 2 Page - Powerbox

  PMC Datasheet HTML 1Page - Powerbox PMC Datasheet HTML 2Page - Powerbox PMC Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Powering Progress – www.powerbox.com.au
2
PMC Series_Rev.A_21-09-15
SELECTION TABLE
TECHNICAL ILLUSTRATIONS
Delta PMC Series
3 5 - 1 5 0 W A T T S - P A N E L M O U N T P O W E R S U P P L Y
MODEL NUMBER
OUTPUT VOLTAGE
OUTPUT CURRENT
OUTPUT POWER
PMC-12V035W1AA
12Vdc
3.00A
35W
PMC-12V050W1AA
12Vdc
4.17A
50W
PMC-12V100W1AA
12Vdc
8.33A
100W
PMC-12V150W1BJ
12Vdc
12.5A
150W
PMC-24V050W1AA
24Vdc
2.10A
50W
PMC-24V100W1AA
24Vdc
4.17A
100W
PMC-24V150W1AA
24Vdc
6.25A
150W
35 W Models
50 W Models



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com