Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPAC Datasheet(PDF) 1 Page - Powerbox

Part # VIPAC
Description  5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

VIPAC Datasheet(HTML) 1 Page - Powerbox

  VIPAC Datasheet HTML 1Page - Powerbox VIPAC Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
277
VIPAC ARRAY
5 0 - 7 5 0 W A T T S - D C / D C S I N G L E & M U L T I P U L E O U T P U T C O N F I G U R A B L E
FEATURES
•
DC input 9-425 VDC over 8 ranges
•
Configurable single, dual, triple and quad outputs up to 750W
•
Any outputs 0.5-48VDC
•
Current share option for high power/redundant operation
•
Fully connnectorized input & output for simplified hook up
•
Rugged, low profile, cold plate chassis
•
High temperature capability
PRODUCT INFORMATION
The VIPAC Array is a highly flexible system of DC input, power building-blocks that can be configured with as many as four user definable outputs on a
low profile, cold plate chassis. VIPAC Array offers the convenience of a prepackaged, chassis mount solution with the performance and power density
of Vicor’s 2nd Generation, DC/DC converters.
VIPAC Arrays can be configured with standard inputs of 24, 28, 48, 72, 110, 150, 300 or 375 VDC and standard outputs from 2 to 54VDC at power levels
up to 750 Watts per output. A total of 8 standard chassis configurations offers the user a choice of power and mechanical options to fit any budget or
design.
VIPAC Arrays are ideal for use in distributed and modular power systems where power density and reliable operation are critical. A current share
option is available on single output models enabling them to be used in applications requiring either redundant operation or kilowatts of power. The
300 and 375Vdc input versions can be coupled to a bulk AC Front end to create a modular, scaleable power supply serving a variety of power
architectures from centralized to distributed. VIPAC Arrays include internal fusing, a global enable/disable function and connectorized input and output
terminations to speed system installation while a versatile cold plate chassis simplifies thermal management and mounting.
INPUT VOLTAGE
OUTPUT VOLTAGE (V) AND MAX POWER (W)
24 VDC (18 – 36 V)
2 V
3.3 V
5 V
6.5 V
8 V
12 V
15 V
24 V
28 V
36 V
48 V
Micro family
75
100
100
100
100
100
100
100
100
Mini family
150
200
200
200
200
200
200
200
200
Maxi family
264
400
400
300
400
400
400
500
400
400
28 VDC (9 – 36 V)
Micro family
50
50
100
100
100
100
100
100
Mini family
75
75
125
150
150
150
150
150
Maxi family
150
175
200
200
200
200
200
200
200
200
48 VDC (36 – 75 V)
Micro family
50
75
100
150
150
150
150
150
150
150
Mini family
100
150
200
250
250
250
250
250
250
Maxi family
264
400
400
500
500
500
500
500
500
72 VDC (43 – 110 V)
Micro family
75
100
100
150
150
150
150
150
150
Mini family
100
150
150
250
250
250
250
250
250
Maxi family
264
300
300
400
400
400
400
400
400
110 VDC (66 – 154 V)
Micro family
50
75
75
100
100
100
100
100
100
Mini family
100
150
150
200
200
200
200
200
200
Maxi family
200
300
300
400
400
400
400
400
400
150 VDC (100 – 200 V)
Micro family
75
100
100
150
150
150
150
150
150
Mini family
150
200
200
250
250
250
250
250
250
Maxi family
264
400
400
500
500
500
500
500
500
300 VDC (180 –-375 V)
Micro family
50
75
100
100
150
150
150
150
150
150
Mini family
100
150
200
200
250
250
250
250
250
250
Maxi family
160
264
400
400
500
500
500
500
500
500
375 VDC (250 –425 V)
Micro family
50
75
100
100
150
150
150
150
150
150
Mini family
100
150
200
200
300
300
300
300
300
300
Maxi family *
160
264
400
400
600
600
600
600
600
600
SELECTION TABLE
NOTE: All power values are in watts * the 375vdc MAXI module is also
available in ouput voltages of 32V and 54V @ 600W.


Similar Part No. - VIPAC

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIPA33-EWX VICOR-VIPA33-EWX Datasheet
2Mb / 4P
50 to 600 Watt Autoranging AC-DC Switchers
REV.3
VIPA4B-EWY VICOR-VIPA4B-EWY Datasheet
2Mb / 4P
50 to 600 Watt Autoranging AC-DC Switchers
REV.3
More results

Similar Description - VIPAC

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
TRG70A POWERBOX-TRG70A Datasheet
536Kb / 1P
7 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com