Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM161 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ASM161
Description  Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM161 Datasheet(HTML) 2 Page - ON Semiconductor

  ASM161 Datasheet HTML 1Page - ON Semiconductor ASM161 Datasheet HTML 2Page - ON Semiconductor ASM161 Datasheet HTML 3Page - ON Semiconductor ASM161 Datasheet HTML 4Page - ON Semiconductor ASM161 Datasheet HTML 5Page - ON Semiconductor ASM161 Datasheet HTML 6Page - ON Semiconductor ASM161 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ASM161, ASM162
http://onsemi.com
2
Figure 1. Typical Operating Circuit
Figure 2. Block Diagram
Table 1. PIN DESCRIPTION
Pin #
Pin Name
Function
ASM161
ASM162
1
1
GND
Ground.
2
−
RESET
Active−LOW, open−drain reset output. RESET remains LOW while VCC is below the
reset threshold and for 800 ms minimum after VCC rises above the reset threshold.
An external pull−up resistor is needed.
−
2
RESET
Active HIGH reset output. RESET remains HIGH while VCC is below the reset
threshold and for 800 ms after VCC rises above the reset threshold.
3
3
MR
Manual reset input. A negative going edge transition on MR asserts reset. Reset
remains asserted for one reset time−out period (800 ms min). This active−LOW input
has an internal pull−up resistor. It can be driven from a TTL or CMOS logic line or
shorted to ground with a switch. Leave open if unused.
4
4
VCC
Power supply input voltage.
Detailed Description
The reset function ensures the microprocessor is properly
reset and powers up into a known condition after a power
failure.
Reset Timing
A reset is generated whenever the supply voltage is below
the threshold level (VCC < VTH). The reset duration is at
least 800 ms after VCC has risen above the reset threshold
and is guaranteed to be no more than 2 seconds. The rest
signal remains active as long as the monitored supply
voltage is below the internal threshold voltage.
The ASM161 has an open−drain, active LOW RESET
output (which is guaranteed to be in the correct state for VCC
down to 1.1 V). The ASM161 uses an external pull−up
resistor. Output leakage current is under 1
mA. A high
resistance value can be used to minimize current drain.
The ASM162 generates an active−HIGH RESET output.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com