Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3524A Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS3524A
Description  Voltage Mode PWM Control Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3524A Datasheet(HTML) 2 Page - ON Semiconductor

  CS3524A Datasheet HTML 1Page - ON Semiconductor CS3524A Datasheet HTML 2Page - ON Semiconductor CS3524A Datasheet HTML 3Page - ON Semiconductor CS3524A Datasheet HTML 4Page - ON Semiconductor CS3524A Datasheet HTML 5Page - ON Semiconductor CS3524A Datasheet HTML 6Page - ON Semiconductor CS3524A Datasheet HTML 7Page - ON Semiconductor CS3524A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS3524A
http://onsemi.com
2
Figure 1. Block Diagram
VREF
VOUTA
EA
VOUTB
EB
SHUTDOWN
GND
VIN
SYNC
RT
CT
COMP
EA−
EA+
ISENSE+
ISENSE−
OSC
5 V Reference
Regulator
UV
Sense
RAMP
CLOCK
COMP
+
−
−
+
EA
CL
PWM
Latch
Flip
Flop
Power to
Internal
Circuitry
T
R
S
S
VIN
VIN
200 mV
1 kΩ
10 kΩ
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Supply Voltage (VIN)
40
V
Collector Supply Voltage (VCC)
60
V
Output Current (Each Output)
200
mA
Reference Output Current
50
mA
Oscillator Charging Current
5.0
mA
Power Dissipation at TA = 25°C
1000
mW
Power Dissipation at TJ = +25°C
Derate for Case Temperature above +25°C
2000
16
mW
mW/°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature Soldering
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 peak
230 peak
°C
°C
1. 10 seconds max.
2. 60 seconds max above 183°C
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com