Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1602D Datasheet(PDF) 1 Page - Powertip Technology

Part # PC1602D
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC1602D Datasheet(HTML) 1 Page - Powertip Technology

  PC1602D Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
80.0 x 36.0
66.0 x 16.2
0.56 x 0.66
0.60 x 0.70
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
5.1 / 9.7
5.1 / 9.7
9.4 / 14.0
Vdd+0.3
V
V
V
13
7
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
7.1
4.5
4.1
Vdd=5V
3.8
5.7
6.1
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
5.1
4.7
4.4
7.9
6.7
6.3
V
V
V
V
V
mA
mA
mA
3
N W
7.5
4.8
4.1
3.8
6
6.4
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vss
Vdd
Vo
RS
R/W
E
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Power supply(GND)
Power supply(+)
Contrast Adjust
Register select signal
Data read / write
Enable signal
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
15
16
A
K
Power supply for LED B/L (+)
Power supply for LED B/L ( )
2
120
Power supply voltage
Vdd-Vss
25oC
2.7
5.5
V
PC 1602-D
PC 1602-D
2- 2.5
1.6
H1
H2
2- 3.0
80.0 0.5
16- 1.0
75.0
P2.54 x 15=38.1
16
1.8
2.5
8.0
A
K
2.0
4- 1.0
2.5
5.1
40.6
71.0
66.0
56.21
3.55
2.96
0.56
0.04
DB7
DB0
E
R/W
RS
Vss
Vdd
Vo
A
K
LCD
CONTROLLER
LSI
LCD PANEL
COM 16
BACKLIGHT
SEG 40
CONTROL SIGNALS 4
SEG 40
SEGMENT DRIVER


Similar Part No. - PC1602D

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PC1602D-O P-TEC-PC1602D-O Datasheet
51Kb / 2P
Character Display
More results

Similar Description - PC1602D

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG640480-A POWERTIP-PG640480-A Datasheet
109Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com