Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM802LCSA Datasheet(PDF) 8 Page - ON Semiconductor

Part # ASM802LCSA
Description  Power Supply Supervisor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM802LCSA Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ASM802LCSA Datasheet HTML 4Page - ON Semiconductor ASM802LCSA Datasheet HTML 5Page - ON Semiconductor ASM802LCSA Datasheet HTML 6Page - ON Semiconductor ASM802LCSA Datasheet HTML 7Page - ON Semiconductor ASM802LCSA Datasheet HTML 8Page - ON Semiconductor ASM802LCSA Datasheet HTML 9Page - ON Semiconductor ASM802LCSA Datasheet HTML 10Page - ON Semiconductor ASM802LCSA Datasheet HTML 11Page - ON Semiconductor ASM802LCSA Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ASM690A/692A, ASM802L/802M, ASM805L
http://onsemi.com
8
Figure 9. Hysteresis Added to PFI Pin
Monitoring Capabilities of the Power−fail Input:
Although designed for power supply failure monitoring,
the PFI pin can be used for monitoring any voltage condition
that can be scaled by means of a resistive divider. An
example is the negative power supply monitor configured in
Figure 10. In this case a good negative supply will hold the
PFI pin below 1.25 V and the PFO pin will be at logic “0”.
As the negative voltage declines, the voltage at the PFI pin
will rise until it exceeds 1.25 V and the PFO pin will go to
logic “1”.
Figure 10. Using PFI to Monitor Negative Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com