Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM802LEPA Datasheet(PDF) 5 Page - ON Semiconductor

Part # ASM802LEPA
Description  Power Supply Supervisor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM802LEPA Datasheet(HTML) 5 Page - ON Semiconductor

  ASM802LEPA Datasheet HTML 1Page - ON Semiconductor ASM802LEPA Datasheet HTML 2Page - ON Semiconductor ASM802LEPA Datasheet HTML 3Page - ON Semiconductor ASM802LEPA Datasheet HTML 4Page - ON Semiconductor ASM802LEPA Datasheet HTML 5Page - ON Semiconductor ASM802LEPA Datasheet HTML 6Page - ON Semiconductor ASM802LEPA Datasheet HTML 7Page - ON Semiconductor ASM802LEPA Datasheet HTML 8Page - ON Semiconductor ASM802LEPA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ASM690A/692A, ASM802L/802M, ASM805L
http://onsemi.com
5
Detailed Description
It is important to initialize a microprocessor to a known
state in response to specific events that could create code
execution errors and “lock−up”. The reset output of these
supervisory circuits send a reset pulse to the microprocessor
in response to power−up, power−down/power−loss or a
watchdog time−out.
RESET/RESET Timing
Power−up reset occurs when a rising VCC reaches the
reset threshold, VRT, forcing a reset condition in which the
reset output is asserted in the appropriate logic state for the
duration of tRS. The reset pulse width, tRS, is typically
around 200 ms and is LOW for the ASM690A, ASM692A,
ASM802 and HIGH for the ASM805L. Figure 3 shows the
reset pin timing.
Power−loss or “brown−out” reset occurs when VCC dips
below the reset threshold resulting in a reset assertion for the
duration of tRS. The reset signal remains asserted as long as
VCC is between VRT and 1.1 V, the lowest VCC for which
these devices can provide a guaranteed logic−low output. To
ensure logic inputs connected to the ASM690A /
ASM692A/ASM802 RESET pin are in a known state when
VCC is under 1.1 V, a 100 kW pull−down resistor at RESET
is needed: the logic−high ASM805L will need a pull−up
resistor to VCC.
Watchdog Timer
A Watchdog time−out reset occurs when a logic “1” or
logic “0” is continuously applied to the WDI pin for more
than 1.6 seconds. After the duration of the reset interval, the
watchdog timer starts a new 1.6 second timing interval; the
microprocessor must service the watchdog input by
changing states or by floating the WDI pin before this
interval is finished. If the WDI pin is held either HIGH or
LOW, a reset pulse will be triggered every 1.8 seconds (the
1.6 second timing interval plus the reset pulse width tRS).
Application Information
Microprocessor Interface
The ASM690 has logic−LOW RESET output while the
ASM805 has an inverted logic−HIGH RESET output.
Microprocessors with bidirectional reset pins can pose a
problem when the supervisory circuit and the
microprocessor output pins attempt to go to opposite logic
states. The problem can be resolved by placing a 4.7 k
W
resistor between the RESET output and the microprocessor
reset pin. This is shown in Figure 4. Since the series resistor
limits drive capabilities, the reset signal to other devices
should be buffered.
Figure 3. RESET/RESET Timing
Figure 4. Interfacing with Bi−directional
Microprocessor Reset Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com