Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM802MCPA Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM802MCPA
Description  Power Supply Supervisor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM802MCPA Datasheet(HTML) 4 Page - ON Semiconductor

  ASM802MCPA Datasheet HTML 1Page - ON Semiconductor ASM802MCPA Datasheet HTML 2Page - ON Semiconductor ASM802MCPA Datasheet HTML 3Page - ON Semiconductor ASM802MCPA Datasheet HTML 4Page - ON Semiconductor ASM802MCPA Datasheet HTML 5Page - ON Semiconductor ASM802MCPA Datasheet HTML 6Page - ON Semiconductor ASM802MCPA Datasheet HTML 7Page - ON Semiconductor ASM802MCPA Datasheet HTML 8Page - ON Semiconductor ASM802MCPA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ASM690A/692A, ASM802L/802M, ASM805L
http://onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS (Unless otherwise noted, VCC = 4.75 V to 5.5 V for the ASM690A / ASM802L /
ASM805L and VCC = 4.5 V to 5.5 V for the ASM692A / ASM802M; VBATT = 2.8 V; and TA = TMIN to TMAX.) (continued)
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
Battery Switch
Threshold,
VCC to VBATT
VCC < VRT
Power Up
Power Down
20
−20
mV
Battery Switch over
Hysteresis
40
mV
Reset Threshold
VRT
ASM690A/802L/805L
4.50
4.65
4.75
V
ASM692A, ASM802M
4.25
4.40
4.50
ASM802L, TA = 25°C, VCC falling
4.55
4.70
ASM802M, TA = 25°C, VCC falling
4.30
4.45
Reset Threshold
Hysteresis
40
mV
Reset Pulse Width
tRS
140
200
280
ms
Reset Output
Voltage
ISOURCE = 800 mA
VCC − 1.5
V
ISINK = 3.2 mA
0.4
ASM69_AC, ASM802_C, VCC = 1.0 V, ISINK = 50 mA
0.3
ASM69_AE, ASM802_E, VCC = 1.2 V, ISINK = 100 mA
0.3
ASM805LC, ISOURCE = 4 mA, VCC = 1.1 V
0.8
ASM805LE, ISOURCE = 4 mA, VCC = 1.2 V
0.9
ASM805L, ISOURCE = 800 mA
VCC − 1.5
ASM805L, ISINK = 3.2 mA
0.4
Watchdog Timeout
tWD
1.00
1.60
2.25
sec
WDI Pulse Width
tWP
VIL = 0.4 V, VIH = 0.8 VCC
50
ns
WDI Input Current
WDI = VCC
50
150
mA
WDI = 0 V
−150
−50
WDI Input Threshold
(Note 4)
VCC = 5 V, Logic LOW
0.8
V
VCC = 5 V, Logic HIGH
3.5
PFI Input Threshold
ASM69_A, ASM805L, VCC = 5 V
1.20
1.25
1.30
V
ASM802_C/E, VCC = 5 V
1.225
1.250
1.275
PFI Input Current
−25
0.01
25
nA
PFO Output Voltage
ISOURCE = 800 mA
VCC − 1.5
V
ISINK = 3.2 mA
0.4
2. If VCC or VBATT is 0 V, the other must be greater than 2.0 V.
3. Battery charging−current is “−”. Battery discharge current is “+”.
4. WDI is guaranteed to be in an intermediate level state if WDI is floating and VCC is within the operating voltage range.
NOTE: WDI input impedance is 50 kW. WDI is biased to 0.3 VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com