Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM162LEUS Datasheet(PDF) 5 Page - ON Semiconductor

Part # ASM162LEUS
Description  Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM162LEUS Datasheet(HTML) 5 Page - ON Semiconductor

  ASM162LEUS Datasheet HTML 1Page - ON Semiconductor ASM162LEUS Datasheet HTML 2Page - ON Semiconductor ASM162LEUS Datasheet HTML 3Page - ON Semiconductor ASM162LEUS Datasheet HTML 4Page - ON Semiconductor ASM162LEUS Datasheet HTML 5Page - ON Semiconductor ASM162LEUS Datasheet HTML 6Page - ON Semiconductor ASM162LEUS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ASM161, ASM162
http://onsemi.com
5
PACKAGE DIMENSIONS
SOT−143, 4 Lead
CASE 527AF−01
ISSUE A
E1
E
A1
e
e1
b
b2
D
c
A
A2
TOP VIEW
SIDE VIEW
END VIEW
L1
L2
L
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC TO-253.
SYMBOL
θ
MIN
NOM
MAX
q
0°
8°
A
A1
A2
b
b2
c
D
E
e
L
L1
0.05
0.75
0.30
0.76
0.40
0.08
2.80
2.10
1.92 BSC
0.54 REF
1.22
0.15
1.07
0.50
0.89
0.60
0.20
3.04
2.64
0.50
0.90
2.90
e1
0.20 BSC
E1
1.20
1.40
1.30
L2
0.25
0.80
12
43



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com