Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP81040 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCP81040
Description  Programmable Multi-Phase Synchronous Buck Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81040 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCP81040 Datasheet HTML 17Page - ON Semiconductor NCP81040 Datasheet HTML 18Page - ON Semiconductor NCP81040 Datasheet HTML 19Page - ON Semiconductor NCP81040 Datasheet HTML 20Page - ON Semiconductor NCP81040 Datasheet HTML 21Page - ON Semiconductor NCP81040 Datasheet HTML 22Page - ON Semiconductor NCP81040 Datasheet HTML 23Page - ON Semiconductor NCP81040 Datasheet HTML 24Page - ON Semiconductor NCP81040 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
NCP81040
www.onsemi.com
21
Table 10. I2C Commands for the NCP81040
Cmd
Code
R/W
Default
Description
#
Bytes
Comment
0x01
R/W
0x80
Operation
1
00xx xxxx – Immediate Off
01xx xxxx – Soft Off
1000 xxxx – On (slew rate set by soft−start) − Default
1001 10xx – Margin Low (Act on Fault)
1010 10xx – Margin High (Act on Fault)
0x02
R/W
0x17
ON_OFF_Config
1
Configures how the controller is turned on and off.
Bit
Default
Comment
7:5
000
Reserved for Future Use
4
1
This bit is read only. Switching starts when
commanded by the Control Pin and the
Operation Command, as set in Bits 3:0.
3
0
0: Unit ignores OPERATION commands over
the I2C interface
1: Unit responds to OPERATION command,
powerup may also depend upon Control input,
as described in Bit 2
2
1
0: Unit ignores EN pin
1: Unit responds EN pin, powerup may also
depend upon the Operation Register, as
described for Bit 3
1
1
Control Pin polarity
0 = Active Low
1 = Active High
0
1
This bit is read only.
1: means that when the controller is disabled it
will either immediately turn off or soft off (as set
in the Operation Command)
0x03
W
NA
Clear_Faults
0
Writing any value to this command code will clear all Status Bits
immediately. The SMBus ALERT is deasserted on this command. If
the fault is still present the fault bit shall immediately be asserted
again.
0x10
R/W
0x00
Write Protect
1
The Write_Protect command is used to control writing to the I2C
device. There is also a lock bit in the Manufacture Specific Registers
that once set will disable writes to all commands until the power to the
NCP81040 is cycled.
Data Byte
Comment
1000 0000
Disables all writes except to the Write_Protect
Command
0100 0000
Disables all writes except to the Write_Protect
and Operation Commands
0010 0000
Disables all writes except to the Write_Protect,
Operation, ON_OFF_Config and
VOUT_COMMAND Commands
0000 0000
Enables writes to all commands
0001 0000
Disables all writes except to
WRITE_PROTECT, PAGE and all
MFR−SPECIFIC Commands
0x19
R
0xB0
Capability
1
This command allows the host to get some information on the I2C
device.
Bit
Default
Comment
7
1
PEC (Packet Error Checking is supported)
6:5
01
Max supported bus speed is 400 kHz
4
1
NCP81040 has an SMBus ALERT pin and ARA
is supported
3:0
000
Reserved for future use
0x20
R
0x20
VOUT_MODE
1
The NCP81040 supports VID mode for programming the output
voltage.
0x21
R/W
0x00
VOUT_COMMAND
2
Sets the output voltage using VID.
0x25
R/W
0x0020
VOUT_MARGIN_HIGH
2
Sets the output voltage when operation command is set to Margin
High. Programmed in VID Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com