Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM162MEUSF Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM162MEUSF
Description  Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM162MEUSF Datasheet(HTML) 3 Page - ON Semiconductor

  ASM162MEUSF Datasheet HTML 1Page - ON Semiconductor ASM162MEUSF Datasheet HTML 2Page - ON Semiconductor ASM162MEUSF Datasheet HTML 3Page - ON Semiconductor ASM162MEUSF Datasheet HTML 4Page - ON Semiconductor ASM162MEUSF Datasheet HTML 5Page - ON Semiconductor ASM162MEUSF Datasheet HTML 6Page - ON Semiconductor ASM162MEUSF Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ASM161, ASM162
http://onsemi.com
3
Part Number
Reset Polarity
ASM161
LOW (use external pull−up resistor)
ASM162
HIGH
Manual Reset
The ASM161/162 have a unique manual reset circuit. A
negative going edge transition on MR initiates the reset. A
manual reset generates a single reset pulse of fixed length.
The output−reset pulse remains asserted for the Reset Active
Time−Out Period tRP and then clears. Once the reset pulse
is completed, the MR input remains disabled for at least
49
mS but not more than 122 mS. This period is specified as
tMRD.
During the MR disabled period, the microcontroller is
guaranteed a time period free of new manual reset signals.
This period can be used to refresh critical DRAM contents
or other system tasks.
The MR pin must be taken HIGH and LOW again after the
tMRD period has been completed to initiate another reset
pulse.
The manual reset input has an internal 20 k
W pull−up
resistor. MR can be left open if not used.
Figure 3. Manual Reset Timing
Figure 4. RESET Valid with VCC under 1.1 V
Application Information
Glitch Resistance
The ASM161/162 are relatively immune to short duration
negative−going VCC transients/glitches. A VCC transient
that goes 100 mV below the reset threshold and lasts 20s or
less will not typically cause a reset pulse.
Valid Reset with VCC under 1.1 V
To ensure that logic inputs connected to the ASM162
RESET pin are in a known state when VCC is under 1.1 V,
a 100 k
W pull−down resistor at RESET is needed. The value
is not critical.
This scheme does not work with the open−drain outputs
of ASM161.
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Unit
Pin Terminal Voltage with Respect to Ground
VCC
RESET, RESET and MR
Input Current at VCC and MR
−0.3
−0.3
6.0
VCC + 0.3
20
V
V
mA
Rate of Rise at VCC
100
V/ms
Power Dissipation (TA = 70°C)
320
mW
Operating Temperature Range
−40
85
°C
Storage Temperature Range
−65
160
°C
Lead Temperature (soldering, 10 sec)
300
°C
ESD rating
HBM
MM
2
200
KV
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com