Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3P623S00B Datasheet(PDF) 4 Page - ON Semiconductor

Part # P3P623S00B
Description  Peak EMI Reduction Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P623S00B Datasheet(HTML) 4 Page - ON Semiconductor

  P3P623S00B Datasheet HTML 1Page - ON Semiconductor P3P623S00B Datasheet HTML 2Page - ON Semiconductor P3P623S00B Datasheet HTML 3Page - ON Semiconductor P3P623S00B Datasheet HTML 4Page - ON Semiconductor P3P623S00B Datasheet HTML 5Page - ON Semiconductor P3P623S00B Datasheet HTML 6Page - ON Semiconductor P3P623S00B Datasheet HTML 7Page - ON Semiconductor P3P623S00B Datasheet HTML 8Page - ON Semiconductor P3P623S00B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
P3P623S00B, P3P623S00E
www.onsemi.com
4
Table 5. OPERATING CONDITIONS
Parameter
Description
Min
Max
Unit
VDD
Operating Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
−40
+85
°C
CL
Load Capacitance
30
pF
CIN
Input Capacitance
7
pF
Table 6. ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
Input Low Voltage (Note 5)
0.8
V
VIH
Input High Voltage (Note 5)
2.0
V
IIL
Input LOW Current
VIN = 0 V
50
mA
IIH
Input HIGH Current
VIN = VDD
100
mA
VOL
Output LOW Voltage (Note 6)
IOL = 8 mA
0.4
V
VOH
Output HIGH Voltage (Note 6)
IOH = −8 mA
2.4
V
IDD
Supply Current
Unloaded outputs
27
mA
ZO
Output Impedance
23
W
5. CLKIN input has a threshold voltage of VDD/2
6. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Table 7. SWITCHING CHARACTERISTICS
Parameter
Test Conditions
Min
Typ
Max
Units
Input Frequency
20
50
MHz
Output Frequency
30 pF load
20
50
MHz
Duty Cycle (Notes 7, 8) = (t2/ t1) x 100
Measured at VDD/2
40
50
60
%
Output Rise Time (Notes 7, 8)
Measured between 0.8 V and 2.0 V
2.5
nS
Output Fall Time (Notes 7, 8)
Measured between 2.0 V and 0.8 V
2.5
nS
Output−to−Output Skew (Notes 7, 8)
All outputs equally loaded with SSOFF
250
pS
Delay, CLKIN Rising Edge to
CLKOUT Rising Edge (Note 8)
Measured at VDD/2 with SSOFF
±350
pS
Device−to−Device Skew (Note 8)
Measured at VDD/2 on the CLKOUT
pins of the device
700
pS
Cycle−to−Cycle Jitter (Notes 7, 8)
Loaded outputs
±250
pS
PLL Lock Time (Note 8)
Stable power supply, valid clock presen-
ted on CLKIN pin
1.0
mS
7. All parameters specified with 30 pF loaded outputs.
8. Parameter is guaranteed by design and characterization. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com