Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS12T3
Description  Surface Mount Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 3 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS12, SS14
http://onsemi.com
3
1E−6
10E−6
100E−6
1E−3
10E−3
100E−3
0
102030
40
TJ = 100°C
TJ = 150°C
TJ = 25°C
VR, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 3. Typical Reverse Current
1E−6
10E−6
100E−6
1E−3
10E−3
100E−3
010
20
30
40
VR, REVERSE VOLTAGE (V)
Figure 4. Maximum Reverse Current
TJ = 100°C
TJ = 150°C
TJ = 25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
25
45
65
85
105
125
145
TL, LEAD TEMPERATURE (°C)
Figure 5. Current Derating
dc
Square Wave
Ipk/IO = p
Ipk/IO = 5
Ipk/IO = 10
Ipk/IO = 20
freq = 20 kHz
0
0.05
0.1
0.15
0.2
0.25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
IO, AVERAGE FORWARD CURRENT (A)
Figure 6. Forward Power Dissipation
dc
Square Wave
Ipk/IO = p
Ipk/IO = 5
Ipk/IO = 10
Ipk/IO = 20
10
100
1000
0
5
10
15
20
25
30
35
40
45
VR, REVERSE VOLTAGE (V)
Figure 7. Capacitance
TJ = 100°C
0.1
1
10
100
1000
0.00001 0.0001 0.001 0.01
0.1
1.0
10
100
1000
t, TIME (sec)
Figure 8. Thermal Response
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.01
Single Pulse
P(pk)
Duty Cycle, D = t1/t2
t1
t2
Test Type > Min Pad
Theta JC = min pad 1 oz C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com