Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC236 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SVC236
Description  Monolithic dual Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC236 Datasheet(HTML) 1 Page - ON Semiconductor

  SVC236 Datasheet HTML 1Page - ON Semiconductor SVC236 Datasheet HTML 2Page - ON Semiconductor SVC236 Datasheet HTML 3Page - ON Semiconductor SVC236 Datasheet HTML 4Page - ON Semiconductor SVC236 Datasheet HTML 5Page - ON Semiconductor SVC236 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
72512 TKIM/31901 GIIM TA-3095 No.6800-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
SVC236
Varactor Diode
Monolithic dual Varactor Diode for FM Tuning
16V, 50nA, CR=5.0, Q=70, CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Low voltage (6.5V)
Twin type varactor diode with good large-signal characteristics for FM receiver electronic tuning use
Very small package permits SVC236-applied sets to be compact and slim
Can be also provieded in tape reel package and automatic insertion is supported
High capacitance ratio (VR=1.0 to 6.5V)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-006
Ordering number : EN6800A
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Anode
2 : Anode
3 : Cathode
CP
12
3
2.9
0.95
0.4
0.1
TB
SVC236-TB-E
ZV
1
3
2


Similar Part No. - SVC236

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC236 SANYO-SVC236 Datasheet
27Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC236 SANYO-SVC236 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC236 SANYO-SVC236_12 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
More results

Similar Description - SVC236

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE616 NTE-NTE616 Datasheet
15Kb / 1P
Varactor Diode
NTE617 NTE-NTE617 Datasheet
19Kb / 2P
Varactor Diode
logo
Sanyo Semicon Device
SVC325 SANYO-SVC325 Datasheet
16Kb / 3P
Varactor Diode
logo
ON Semiconductor
SVC230 ONSEMI-SVC230 Datasheet
248Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC270 ONSEMI-SVC270 Datasheet
332Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC272 ONSEMI-SVC272 Datasheet
308Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC276 ONSEMI-SVC276 Datasheet
330Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC203C ONSEMI-SVC203C Datasheet
738Kb / 4P
Varactor Diode
October 2014 - Rev. 2
logo
Renesas Technology Corp
1S2207 RENESAS-1S2207 Datasheet
229Kb / 4P
VARACTOR DIODE
1SV222 RENESAS-1SV222 Datasheet
185Kb / 4P
VARACTOR DIODE
1988
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com