Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC270 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SVC270
Description  Monolithic dual Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC270 Datasheet(HTML) 3 Page - ON Semiconductor

  SVC270 Datasheet HTML 1Page - ON Semiconductor SVC270 Datasheet HTML 2Page - ON Semiconductor SVC270 Datasheet HTML 3Page - ON Semiconductor SVC270 Datasheet HTML 4Page - ON Semiconductor SVC270 Datasheet HTML 5Page - ON Semiconductor SVC270 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SVC270
No. A0076-3/6
Ambient Temperature, Ta --
°C
C -- Ta
IT10095
--75
--50
--25
0
25
50
75
100
125
150
0.99
0.97
0.98
1.00
1.01
1.02
1.04
1.03
1.05
f=1MHz
VRF=20mVrms
V R
=8V
6V
4V
2V
6V
3V
3V
4V
8V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com