Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC272 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SVC272
Description  Monolithic dual Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC272 Datasheet(HTML) 2 Page - ON Semiconductor

  SVC272 Datasheet HTML 1Page - ON Semiconductor SVC272 Datasheet HTML 2Page - ON Semiconductor SVC272 Datasheet HTML 3Page - ON Semiconductor SVC272 Datasheet HTML 4Page - ON Semiconductor SVC272 Datasheet HTML 5Page - ON Semiconductor SVC272 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SVC272
No.7680-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Breakdown Voltage
V(BR)R
IR=10μA14
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance*
C2.0V
VR=2.0V, f=1MHz
44.91
49.82
pF
C8.0V
VR=8.0V, f=1MHz
14.07
18.55
pF
Quality Factor
QVR=2.0V, f=100MHz
150
Capacitance Ratio
CR
C2.0V / C8.0V
2.3
Matching Tolerance
ΔCm
VR=2.0V, 8.0, f=1MHz (C max-C min) / C min×100
3.0
%
Note)* : Capacitance value per each diode.
Ordering Information
Device
Package
Shipping
memo
SVC272-TL-E
MCPH3
3,000pcs./reel
Pb Free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com