Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC710 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SVC710
Description  Single Varactor Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC710 Datasheet(HTML) 1 Page - ON Semiconductor

  SVC710 Datasheet HTML 1Page - ON Semiconductor SVC710 Datasheet HTML 2Page - ON Semiconductor SVC710 Datasheet HTML 3Page - ON Semiconductor SVC710 Datasheet HTML 4Page - ON Semiconductor SVC710 Datasheet HTML 5Page - ON Semiconductor SVC710 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
91212 TKIM/40407AC TIIM TC-00000658 No. A0605-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
SVC710
Varactor Diode
Single Varactor Diode for VCO
15V, 20nA, CR=4.8, rs=1.6Ω, MCPH3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
High capacitance ratio
Low voltage drive
Small-sized package : MCPH
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
15
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7019A-001
Ordering number : ENA0605A
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Anode
2 : No Contact
3 : Cathode
MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
V8
TL
SVC710-TL-E
3
12


Similar Part No. - SVC710

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC710 SANYO-SVC710 Datasheet
41Kb / 4P
Silicon Diffused Junction Type Varactor Diode for AFC, VCO
SVC710 SANYO-SVC710 Datasheet
437Kb / 6P
Varactor Diode for AFC, VCO
SVC710 SANYO-SVC710_12 Datasheet
437Kb / 6P
Varactor Diode for AFC, VCO
More results

Similar Description - SVC710

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE616 NTE-NTE616 Datasheet
15Kb / 1P
Varactor Diode
NTE617 NTE-NTE617 Datasheet
19Kb / 2P
Varactor Diode
logo
Sanyo Semicon Device
SVC325 SANYO-SVC325 Datasheet
16Kb / 3P
Varactor Diode
logo
Advanced Semiconductor
MVAM115 ASI-MVAM115 Datasheet
23Kb / 1P
SILICON VARACTOR DIODE
REV. A
logo
New Japan Radio
NJX1560 NJRC-NJX1560 Datasheet
57Kb / 3P
VARACTOR DIODE
logo
ON Semiconductor
SVC704 ONSEMI-SVC704 Datasheet
333Kb / 6P
Single Varactor Diode
September, 2013
SVC203C ONSEMI-SVC203C Datasheet
738Kb / 4P
Varactor Diode
October 2014 - Rev. 2
logo
Renesas Technology Corp
1S2207 RENESAS-1S2207 Datasheet
229Kb / 4P
VARACTOR DIODE
1SV218 RENESAS-1SV218 Datasheet
190Kb / 4P
VARACTOR DIODE
1988
1SV222 RENESAS-1SV222 Datasheet
185Kb / 4P
VARACTOR DIODE
1988
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com