Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5486 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 5486
Description  Quad 2-Input Exclusive-OR Gates
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

5486 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  5486 Datasheet HTML 1Page - National Semiconductor (TI) 5486 Datasheet HTML 2Page - National Semiconductor (TI) 5486 Datasheet HTML 3Page - National Semiconductor (TI) 5486 Datasheet HTML 4Page - National Semiconductor (TI) 5486 Datasheet HTML 5Page - National Semiconductor (TI) 5486 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
CL e 15 pF
Symbol
Parameter
Conditions
RL e 400X
Units
Min
Max
tPLH
Propagation Delay Time
23
ns
Low to High Level Output
Other Input Low
tPHL
Propagation Delay Time
17
ns
High to Low Level Output
tPLH
Propagation Delay Time
30
ns
Low to High Level Output
Other Input High
tPHL
Propagation Delay Time
22
ns
High to Low Level Output
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com