Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MultiPlusC12/800/35 Datasheet(PDF) 2 Page - Powerbox

Part # MultiPlusC12/800/35
Description  I N V E R T E R C H A R G E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MultiPlusC12/800/35 Datasheet(HTML) 2 Page - Powerbox

  MultiPlusC12/800/35 Datasheet HTML 1Page - Powerbox MultiPlusC12/800/35 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress
MultiPlus Series
I N V E R T E R C H A R G E R
Doc. No. MultiPlus Series Rev.A 23-11-15
SELECTION TABLE
MODEL NUMBER
ABSORPTION
CHARGE VOLTAGE
FLOAT
CHARGE VOLTAGE
CHARGE CURRENT
HOUSE BATTERY
OUTPUT POWER
25°C VA
OUTPUT POWER
40°C W
PEAK
POWER
MultiPlus C 12/800/35
14.3V
13.5V
35A
800VA
650W
1600W
MultiPlus C 12/1200/50
14.3V
13.5V
50A
1200VA
900W
2400W
MultiPlus C 12/1600/70
14.3V
13.5V
70A
1600VA
1200W
3000W
MultiPlus C 12/2000/80
14.3V
13.5V
80A
2000VA
1450W
4000W
MultiPlus C 12/3000/120
14.3V
13.5V
120A
3000VA
2200W
6000W
MultiPlus C 24/800/16
28.5V
27V
16A
800VA
650W
1600W
MultiPlus C 24/1200/25
28.5V
27V
25A
1200VA
900W
2400W
MultiPlus C 24/1600/40
28.5V
27V
40A
1600VA
1200W
3000W
MultiPlus C 24/2000/50
28.5V
27V
50A
2000VA
1450W
4000W
MultiPlus C 24/3000/70
28.5V
27V
70A
3000VA
2200W
6000W
MultiPlus C 24/5000/120
28.5V
27V
120A
5000VA
4000W
10,000W
MultiPlus C 48/3000/35
57.6V
55.2V
35A
3000VA
2200W
6000W
MultiPlus C 48/5000/70
57.6V
55.2V
70A
5000VA
4000W
10,000W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com