Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MultiPlusC12/1200/50 Datasheet(PDF) 1 Page - Powerbox

Part # MultiPlusC12/1200/50
Description  I N V E R T E R C H A R G E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MultiPlusC12/1200/50 Datasheet(HTML) 1 Page - Powerbox

  MultiPlusC12/1200/50 Datasheet HTML 1Page - Powerbox MultiPlusC12/1200/50 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. MultiPlus Series Rev.A 23-11-15
MultiPlus Series
I N V E R T E R C H A R G E R
FEATURES
800W - 5000W Inverter Charger
Two AC outputs
Parallel Operation
3Ph capability
Power Assist Boost
Four stage charger
Dual bank charging
SPECIFICATIONS
INVERTER
Input voltage range
9.5-17Vdc, 19-33Vdc, 38-66Vdc
Output voltage
230Vac +/-2%
Frequency
50Hz +/-0.1%
Output Power
See selection table
Efficiency
Typically 94% max
CHARGER
Input voltage
187 - 265Vac
Frequency
45 - 65Hz
Power factor
1
Charge voltage 'absorption'
14.4 / 28.8 / 57.6 VDC
Charge voltage 'float'
13.8 / 27.6 / 55.2 VDC
Charge voltage 'float'
13.2 / 26.4 / 52.8 VDC
Charge current house battery
See selection table
Charge current starter battery
4A (12V & 24V models)
Battery temperature sensor
Yes
STANDARDS & APPROVALS
Safety
EN60335-1, EN60335-2-29.
Emission
EN55014-1, EN61000-3-2
Immunity
EN55014-2, EN61000-3-3
Automotive Directive
2004/104/EC
C-tick
AS/NZS CISPR11: Group 1, Class A.
MECHANICAL
230VAC connection
800VA to 1600VA: G-ST181 connector
2000VA: Spring clamp
3000VA to 5000VA: Screw terminals 13mm2
(6AWG)
Battery connection
800VA to 1600VA, battery cables of 1.5meters
2000VA to 5000VA M8 bolts
Protection category
IP21.
Material & colour
Aluminum epoxy powder coated cases
(blue RAL 5012)
Size & Weight
800VA/1200VA/600VA: 375x214x110mm, 10Kg
2000VA: 520x255x125mm, 12Kg
3000VA, 362x258x218mm, 18kg
5000VA, 444x328x240mm, 30kg
GENERAL
Protection
Output short circuit
Overload
Battery voltage too high
Battery voltage too low
Temperature too high
Input voltage ripple too high
PowerControl
Yes, all MultiPlus inverter/charger models
PowerAssist
Yes, all MultiPlus inverter/charger models
Parallel & 3ph operation
Yes, all MultiPlus inverter/charger models
Programmable relay
Can be set for general alarm, DC undervoltage or
genset start/stop function
AC rating 230V/4A
DC rating 4A up to 35Vdc, 1A up to 60Vdc
VE Bus Communications
For parallel and three phase operation, remote
monitoring and system integration
Remote on-off
Yes
Auxillary output
3000VA: yes (16A)
5000VA: yes (25A)
Digital Multi Control
A convenient and low cost solution for remote
monitoring, with a rotary knob to set Power Control
and Power Assist levels
Blue Power Panel
Connects to a Multi or Quattro and all VE.Net devices in
particular the VE.Net Battery Controller. Graphic
display of current and voltages
BMV Battery Monitor
The BMV Battery Monitor features an advanced
microprocessor control system combined with high
resolution measuring systems for battery voltage and
charge/discharge current. The Software includes
complex calculation algorithms, to exactly determine
the state of charge of the battery. The BMV selectively
displays the battery voltage, current consumed AH or
time to go. The monitor all stores a host of data
regarding performance and use of the battery
Computer control
& monitoring
Several interfaces are available
MK2.2 VE.Bus to RS232 converter
MK2-USB VE.Bus to USB converter
VE Net to VE Bus converter
Victron global remote
Victron Ethernet Remote


Similar Part No. - MultiPlusC12/1200/50

ManufacturerPart #DatasheetDescription
logo
NOSHOK, INC.
MULTIPORTHARDSEAT NOSHOK-MULTIPORTHARDSEAT Datasheet
301Kb / 4P
Multiport, Hard Seat
MULTIPORTSOFTSEAT NOSHOK-MULTIPORTSOFTSEAT Datasheet
352Kb / 4P
Multiport, Soft Seat
More results

Similar Description - MultiPlusC12/1200/50

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
CENTAUR POWERBOX-CENTAUR Datasheet
296Kb / 2P
T H R E E S T E P B AT T E R Y C H A R G E R
DBL500 POWERBOX-DBL500 Datasheet
244Kb / 1P
B AT T E R Y C H A R G E R
PBN14C POWERBOX-PBN14C Datasheet
112Kb / 1P
6 0 WAT T T H R E E S T E P C H A R G E R
SKYLLA POWERBOX-SKYLLA Datasheet
424Kb / 2P
T H R E E S T E P B AT T E R Y C H A R G E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com