Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLDU Datasheet(PDF) 2 Page - Powerbox

Part # PBLDU
Description  7 0 - 2 8 0 WAT T S D C U P S L I N E A R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBLDU Datasheet(HTML) 2 Page - Powerbox

  PBLDU Datasheet HTML 1Page - Powerbox PBLDU Datasheet HTML 2Page - Powerbox PBLDU Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Doc. No. PBC9 Rev.C 28-4-11
314
PBLDU Series
7 0 - 2 8 0 W A T T S D C U P S L I N E A R
SELECTION TABLE
During mains operation the PBLDU series can supply load current from the selection table and provide controlled charge current to the battery. The unit
has additional capacity to supply 175% surge current if required by the load. When operating on battery back up only the stated load current can be
supplied.
TECHNICAL ILLUSTRATIONS
CHASSIS MOUNT
MODEL
NUMBER
OUTPUT
OUTPUT
VDC
ILOAD
IBATT
POWER
PBLDU-12C05CM
13.8V
3.75A
1.25A
70W
PBLDU-12C05CM
13.8V
3.75A
1.25A
70W
PBLDU-12C10RM
13.8V
7.5A
2.5A
140W
PBLDU-12C10RM
13.8V
7.5A
2.5A
140W
PBLDU-24C05CM
27.6V
3.75A
1.25A
140W
PBLDU-24C05RM
27.6V
3.75A
1.25A
140W
PBLDU-24C10CM
27.6V
7.5A
2.5A
280W
PBLDU-24C10RM
27.6V
7.5A
2.5A
280W
PBLDU-48C05CM
55.2V
3.75A
1.25A
280W
PBLDU-48C05RM
55.2V
3.75A
1.25A
280W
Note: To order models with batteries included. Please add “-BAT” at end of model number. (Rack Mounted Version Only)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com